Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK4 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 79Page - STMicroelectronics ST72324BK4 Datasheet HTML 80Page - STMicroelectronics ST72324BK4 Datasheet HTML 81Page - STMicroelectronics ST72324BK4 Datasheet HTML 82Page - STMicroelectronics ST72324BK4 Datasheet HTML 83Page - STMicroelectronics ST72324BK4 Datasheet HTML 84Page - STMicroelectronics ST72324BK4 Datasheet HTML 85Page - STMicroelectronics ST72324BK4 Datasheet HTML 86Page - STMicroelectronics ST72324BK4 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 188 page
background image
ST72324B
On-chip peripherals
83/188
10.3.4
Low power modes
10.3.5
Interrupts
Table 45.
Effect of low power modes on 16-bit timer
Mode
Description
Wait
No effect on 16-bit timer.
Timer interrupts cause the device to exit from Wait mode.
Halt
16-bit timer registers are frozen.
In Halt mode, the counter stops counting until Halt mode is exited. Counting resumes
from the previous count when the MCU is woken up by an interrupt with Exit from Halt
mode capability or from the counter reset value when the MCU is woken up by a reset.
If an input capture event occurs on the ICAPi pin, the input capture detection circuitry is
armed. Consequently, when the MCU is woken up by an interrupt with Exit from Halt
mode capability, the ICFi bit is set, and the counter value present when exiting from Halt
mode is captured into the ICiR register.
Table 46.
16-bit timer interrupt control/wake-up capability(1)
1.
The 16-bit timer interrupt events are connected to the same interrupt vector (see Section 7: Interrupts).
These events generate an interrupt if the corresponding Enable Control bit is set and the interrupt mask in
the CC register is reset (RIM instruction).
Interrupt event
Event flag Enable Control bit Exit from WAIT Exit from HALT
Input Capture 1 event/counter
reset in PWM mode
ICF1
ICIE
Yes
No
Input Capture 2 event
ICF2
Output Compare 1 event
(not available in PWM mode)
OCF1
OCIE
Output Compare 2 event
(not available in PWM mode)
OCF2
Timer Overflow event
TOF
TOIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com