Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK4 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 88Page - STMicroelectronics ST72324BK4 Datasheet HTML 89Page - STMicroelectronics ST72324BK4 Datasheet HTML 90Page - STMicroelectronics ST72324BK4 Datasheet HTML 91Page - STMicroelectronics ST72324BK4 Datasheet HTML 92Page - STMicroelectronics ST72324BK4 Datasheet HTML 93Page - STMicroelectronics ST72324BK4 Datasheet HTML 94Page - STMicroelectronics ST72324BK4 Datasheet HTML 95Page - STMicroelectronics ST72324BK4 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 188 page
background image
On-chip peripherals
ST72324B
92/188
10.4.3
General description
Figure 50 shows the serial peripheral interface (SPI) block diagram. The SPI has three
registers:
–
SPI Control Register (SPICR)
–
SPI Control/Status Register (SPICSR)
–
SPI Data Register (SPIDR)
The SPI is connected to external devices through four pins:
–
MISO: Master In / Slave Out data
–
MOSI: Master Out / Slave In data
–
SCK: Serial Clock out by SPI masters and input by SPI slaves
–SS: Slave select: This input signal acts as a ‘chip select’ to let the SPI master
communicate with slaves individually and to avoid contention on the data lines.
Slave SS inputs can be driven by standard I/O ports on the master MCU.
Figure 50.
Serial peripheral interface block diagram
Functional description
A basic example of interconnections between a single master and a single slave is
illustrated in Figure 51.
The MOSI pins are connected together and the MISO pins are connected together. In this
way data is transferred serially between master and slave (most significant bit first).
SPIDR
Read Buffer
8-bit Shift Register
Write
Read
Data/Address bus
SPI
SPIE
SPE
MSTR
CPHA
SPR0
SPR1
CPOL
Serial clock
generator
MOSI
MISO
SS
SCK
control
state
SPICR
SPICSR
Interrupt
request
Master
control
SPR2
0
7
0
7
SPIF WCOL
MODF
0
OVR
SSI
SSM
SOD
SOD
bit
SS
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com