Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 8Page - STMicroelectronics ST72324BK4 Datasheet HTML 9Page - STMicroelectronics ST72324BK4 Datasheet HTML 10Page - STMicroelectronics ST72324BK4 Datasheet HTML 11Page - STMicroelectronics ST72324BK4 Datasheet HTML 12Page - STMicroelectronics ST72324BK4 Datasheet HTML 13Page - STMicroelectronics ST72324BK4 Datasheet HTML 14Page - STMicroelectronics ST72324BK4 Datasheet HTML 15Page - STMicroelectronics ST72324BK4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 188 page
background image
Pin description
ST72324B
12/188
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level:
C = CMOS 0.3VDD/0.7DD
CT = CMOS 0.3VDD/0.7DD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
Input:
float = floating, wpu = weak pull-up, int = interrupt(a), ana = analog ports
Output: OD = open drain(b), PP = push-pull
a.
In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column
(wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the
configuration is floating interrupt input.
b.
In the open drain output column, ‘T’ defines a true open drain I/O (P-Buffer and protection diode to VDD are not
implemented). See Section 9: I/O ports and Section 12.9: I/O port pin characteristics for more details.
Table 1.
Device pin description
Pin No.
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output
6
1
30
1
PB4 (HS)
I/O CT HS
X
ei3
X
X
Port B4
7
2
31
2
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
8
3
32
3
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
9
4
PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC Analog Input 2
10
5
PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC Analog Input 3
11
6
PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4
12
7
PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC Analog Input 5
13
8
1
4
VAREF
(1)
S
Analog Reference Voltage for ADC
14
9
2
5
VSSA
(1)
S
Analog Ground Voltage
15 10
3
6
PF0/MCO/AIN8
I/O CT
Xei1
X
X
X
Port F0
Main clock
out (fCPU)
ADC
Analog
Input 8
16 11
4
7
PF1 (HS)/BEEP I/O CT HS
X
ei1
X
X
Port F1
Beep signal output
17 12
PF2 (HS)
I/O CT HS
X
ei1
X
X
Port F2
18 13
5
8
PF4/OCMP1_A/
AIN10
I/O CT
XX
X
X
X
Port F4
Timer A
Output
Compare 1
ADC
Analog
Input 10
19 14
6
9
PF6
(HS)/ICAP1_A
I/O CT HS
X
X
X
X
Port F6
Timer A Input Capture 1
20 15
7
10
PF7 (HS)/
EXTCLK_A
I/O CT HS
X
X
X
X
Port F7
Timer A External Clock
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com