Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2050 Datasheet(PDF) 5 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 5 Page - Tripath Technology Inc.

  TP2050 Datasheet HTML 1Page - Tripath Technology Inc. TP2050 Datasheet HTML 2Page - Tripath Technology Inc. TP2050 Datasheet HTML 3Page - Tripath Technology Inc. TP2050 Datasheet HTML 4Page - Tripath Technology Inc. TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
5
TP2050– KL/1.0/07.05
A P PL I C AT IO N / TE ST DI AG R A M S
Inputs and TC2000 / TC2001
ROFA
500K
COF
.1u;50V
RFBC
14K;1%
RFBB
1.0K;1%
V5
RI
20K
C7
.1u;50V
ROFA
500K
RFBB
1.0K;1%
OUT1A
CFB
IN2
TC2000 / TC2001
IN1
ROFA
500K
ROFA
500K
CFB
470p;50V
ROFB
5K
1
3
2
R54
22K
+
CI
2.2u;10V
V5
RFBC
14K;1%
RF
20K
+
CI
2.2u;10V
CFB
390p;50V
COF
.1u;50V
RF
20K
R53
11K
OUT2A
CS
.1u;50V
14K;1%
RFBB
1.0K;1%
RI
20K
ROFB
5K
1
3
RFBC
14K;1%
V5
J10
RCA_RT_ANG
1
2
1
2
RREF
8.2K
CFB
390p;50V
OUT1B
JP
JUMPER
1
2
J9
RCA_RT_ANG
1
2
1
2
CS
100u;16V
RFBB
1.0K;1%
OUT2B
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Y1B
HMUTE
Y1
Y2B
Y2
RFBC
470p;50V
REF
OCD0
VLO
OVRLDB
VHI
GND
V5
VP1
IN1
MUTE
BBM2
BBM1
VP2
IN2
V5
+
V5
BIASCAP
FDBKP2
DCMP
FDBKN2
VPWR
FDBKP1
FDBKN1
HMUTE
Y1
Y1B
Y2B
Y2
NC
OCD1
V5
TP2050 and Outputs
R
SN (note 1)
20;1/4W
L
O
15u
R
Z
15;1W
R
SN (note 1)
20;1/4W
15u
Y2B
VCC
C
S
.1u
OUT1N
C
S
.1u
C
HBR
.1u;50V
M3
M2
M4
M5
M15
M17
M14
M16
PROTECTION
&
LOGIC
REGULATORS
U2
TP2050
.1u;50V
C
S
.1u
15u
R37
10K
C
S
.1u
OUT2B
VCC
VCC
.1u;50V
OUT1P
C
S
.1u
C
Z
.22u;50V
R40
10K
SPEAKER
OUT2A
15u
C
DM
.1u;100V
C
O
.22u;50V
C
SN (note 1)
330p;100V;NPO
C
SN (note 1)
330p;100V;NPO
VCC
OUT1B
VCC
+
C
HBR
560u;50V
Y1
.1u;50V
.22u;50V
Y2
Y1B
C
S
.1u
V5
1
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
OUT1A
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
OUT2B
OUT2B
VCC2B
GND2B
GND2A
VCC2A
OUT2A
OUT2A
OUT1B
VCC1B
GND1B
GND1A
VCC1A
OUT1A
OUT1A
OU T1B
GNDSUB
NC
GNDCLEAN
GNDREG
VDD
VDD
IBIAS
CONFIG
PWRDN
TRISTATE
FAULT
TH_WAR
IN1A
IN1B
IN2A
IN2B
VSS
VSS
VCCSIGN
VCCSIGN
C
O
L
O
L
O
L
O
C
HBR
C
HBR
C
HBR
1000p;50V
1000p;50V
R
Z
15;1W
OUT2N
OUT2P
C
Z
.22u;50V
SPEAKER
C
DM
.1u;100V
C
O
.22u;50V
.22u;50V
C
O
1000p;50V
C
C ASE (note 2)
1000p;50V
NOTE 1: C
SN/R SN are optional locations, loaded only if required to reduce overshoot
NOTE 2: C
CASE (4 locations) represent bypass capacitors m ounted at the exit of the speaker cable from the cabinet. T hey are optional and
are used for EMI supression. Lead lengths on these components must be kept short to be effective. They are shown in this schematic for
reference.
C
C ASE (note 2)
C
C ASE (note 2)
C
C ASE (note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com