Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2050 Datasheet(PDF) 10 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 10 Page - Tripath Technology Inc.

Back Button TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. TP2050 Datasheet HTML 10Page - Tripath Technology Inc. TP2050 Datasheet HTML 11Page - Tripath Technology Inc. TP2050 Datasheet HTML 12Page - Tripath Technology Inc. TP2050 Datasheet HTML 13Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
10
TP2050– KL/1.0/07.05
APPLICA T ION INFORMATION
Basic Op e r atio n
The TP2050 is a MOSFET output stage that level-shifts the signal processor’s 5V switching patterns
to the power supply voltages and drives the power MOSFETs. The power MOSFETs are
complementary N-channel/P-channel devices configured in full-bridges and are used to supply power
to the output load. The outputs of the power MOSFETs must be low pass filtered to remove the high
frequency switching pattern. A residual voltage from the switching pattern will remain on the speaker
outputs when the recommended output LC filter is used, but this signal is outside of the audio band
and will not affect audio performance.
Circ uit Boa r d Lay out
The TP2050 is a power (high current) power stage that operates at relatively high switching
frequencies. The output of the amplifier switches between VCC and GND at high speeds while
driving large currents. This high-frequency digital signal is passed through an LC low-pass filter to
recover the amplified audio signal. Since the amplifier must drive the inductive LC output filter and
speaker loads, the amplifier outputs can be pulled above the supply voltage and below ground by the
energy in the output inductance. To avoid subjecting the TP2050 to potentially damaging voltage
stress, it is critical to have a good printed circuit board layout. It is recommended that Tripath’s layout
and application circuit be used for all applications and only be deviated from after careful analysis of
the effects of any changes.
The following components are important to place near their associated TP2050 pins and are ranked
in order of layout importance, either for proper device operation or performance considerations.
-
The capacitors CHBR provide high frequency bypassing of the amplifier power supplies and
will serve to reduce spikes across the supply rails. CHBR should be kept within 1/8” (3mm)
of the VCC pins. Please note that the four VCC pins must be decoupled separately. In
addition, the voltage rating for CHBR should be 50V as this capacitor is exposed to the full
supply range. Similarly, capacitors CS should be located as close as possible to their
respective pins on the TP2050.
In general, to enable placement as close to the TP2050, and minimize PCB parasitics, the capacitors
listed above should be surface mount types (with the exception of the bulk CHBR capacitor).
TP2050 Output Capability
The TP2050 can drive two 8 Ohm loads with 40 Watts each at less than 0.05% THD+N. The
maximum sustained amplifier output power will be determined by a number of factors including the
TP2050 junction temperatures, the load impedance and the power supply voltage.
Tripath does not recommend driving loads below 6 Ohms single ended as the amplifier efficiency will
be reduced and the amplifier will reach it’s current limit at relatively low power output levels. With the
outputs connected in parallel, however, the TP2050 is capable of driving single channel loads down
to 4 Ohms with very high power capability.
Paralleled Outp uts
For stereo mode operation, the TP2050 is a dual full bridge. For parallel mode operation, the TP2050
can be configured as a single full bridge with double current capability by connecting the CONFIG pin
to the VDD pin of the TP2050. Please refer to the Application/Test Diagram for parallel operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com