Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2050 Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TP2050 Datasheet HTML 1Page - Tripath Technology Inc. TP2050 Datasheet HTML 2Page - Tripath Technology Inc. TP2050 Datasheet HTML 3Page - Tripath Technology Inc. TP2050 Datasheet HTML 4Page - Tripath Technology Inc. TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
3
TP2050– KL/1.0/07.05
PER FOR M ANCE C H ARACTERISTIC S
TA = 25 °C. Unless otherwise noted, VCC = 30V, f=1kHz, and the measurement bandwidth is 20kHz. The
measurements assume connection to TC2000 or TC2001 Class-T controller.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
POUT
Output Power
(Continuous Average/Channel)
(Note 13)
VCC = 30V, RL = 8Ω
THD+N = 0.01%
THD+N = 3.0%
THD+N = 10.0%
VCC = 23.5V, RL = 6Ω
THD+N = 0.01%
THD+N = 1.0%
THD+N = 10.0%
VCC = 30V, RL = 4Ω (par. output)
THD+N < 0.01%
THD+N < 10%
35
50
60
25
35
45
75
117
W
W
W
W
W
W
W
W
THD + N
Total Harmonic Distortion Plus
Noise
POUT = 30W/Channel, RL = 8Ω
VCC = 30V
POUT = 70W Parallel, RL=4Ω
VCC = 30V
0.007
0.005
%
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF), RL = 8Ω
POUT = 30W/Channel
0.05
%
SNR
Signal-to-Noise Ratio
A-Weighted
0dB = 50W/Channel, RL = 8Ω
103
dB
CS
Channel Separation
0dB = 10W, RL = 8Ω, f=1kHz
95
dB
AV
Amplifier Gain
POUT = 10W/Channel, RL = 8Ω,
See Application / Test Circuit
15
V/V
AVERROR
Channel to Channel Gain Error
POUT = 10W/Channel, RL = 8Ω
See Application / Test Circuit
0.5
dB
η
Power Efficiency
POUT = 60W/Channel, RL = 8Ω
POUT = 45W/Channel, RL = 6Ω
92
85
%
%
eN
Output Noise Voltage
A-Weighted, input AC grounded,
RFBC=14kΩ, RFBB=1kΩ
135
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com