Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3LB200C Datasheet(PDF) 37 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200C
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200C Datasheet(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200C Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
37
Data Sheet
c. TCMax = TJMax – P×θJC, where TJMax is maximum junction temperature and P is power consumption.
Table 9. Recommended DC Operating Conditions (Sheet 1 of 2)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Notes:
1. PCI drivers meet PCI specifications.
2. See “5V-Tolerant Input Current” on page 38.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage (133, 200, 266MHz)
VDD
+1.65
+1.8
+1.95
V
Logic Supply Voltage (333MHz)
VDD
+1.7
+1.8
+1.9
V
I/O Supply Voltage
OVDD
+3.0
+3.3
+3.6
V
PLL Supply Voltage (133, 200, 266MHz)
AVDD
+1.65
+1.8
+1.95
V
PLL Supply Voltage (333MHz)
AVDD
+1.7
+1.8
+1.9
V
Input Logic High
(1.8V CMOS receivers)
VIH
0.65VDD
VDD
V
Input Logic High
(3.3V PCI receivers)
VIH
0.5OVDD
OVDD+0.5
V
Input Logic High
(3.3V LVTTL, 5V tolerant receivers)
VIH
+2.0
+5.5
V
Input Logic Low
(1.8V CMOS receivers)
VIL
0
0.65VDD
V
Input Logic Low
(3.3V PCI receivers)
VIL
-0.5
0.35OVDD
V
Input Logic Low
(3.3V LVTTL, 5V tolerant receivers)
VIL
0+0.8
V
Output Logic High
(3.3V PCI receivers)
VOH
0.9OVDD
OVDD
V
Output Logic High
(3.3V LVTTL, 5V tolerant receivers)
VOH
+2.4
OVDD
V
Output Logic Low
(3.3V PCI receivers)
VOL
-0.5
0.35OVDD
V
Output Logic Low
(3.3V LVTTL, 5V tolerant receivers)
VOL
0+0.4
V
Input Leakage Current
(no pull-up or pull-down)
IIL1
00
μA
Input Leakage Current
(with internal pull-down)
IIL2
0200
μA
5V Tolerant I/O Input Current
IIL4
±10
-325
μA
2
Input Max Allowable Overshoot
(1.8V CMOS receivers)
VIMAO1.8
VDD + 0.6
V
Input Max Allowable Overshoot
(3.3V LVTTL, 5V tolerant receivers)
VIMAO
+5.5
V
Input Max Allowable Undershoot
(3.3V LVTTL, 5V tolerant receivers)
VIMAU
-0.6
V
Output Max Allowable Overshoot
(3.3V LVTTL, 5V tolerant receivers)
VOMAO
+5.5
V
Output Max Allowable Undershoot
(3.3V LVTTL, 5V tolerant receivers)
VOMAU
-0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com