Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3LB200C Datasheet(PDF) 41 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200C
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200C Datasheet(HTML) 41 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 45Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
41
Data Sheet
Figure 4. Clocking Waveform
Table 12. Clocking Specifications
Symbol
Parameter
Min
Max
Units
CPU
PFC
Processor clock frequency
133.33, 200, 266.66, or
333.33
MHz
PTC
Processor clock period
7.5, 5, 3.75 or 3
ns
SysClk Input
SCFC
Frequency
25
100
MHz
SCTC
Period
10
40
ns
SCTCS
Edge stability (phase jitter, cycle to cycle)
–
±0.15
ns
SCTCH
Input high time
40% of nominal period
60% of nominal period
ns
SCTCL
Input low time
40% of nominal period
60% of nominal period
ns
Note: Input slew rate > 2V/ns
MemClkOut Output
MCOFC
Frequency
PLBFC
MHz
MCOTC
Period
1/PLBFC
ns
MCOTCS
Edge stability (phase jitter, cycle to cycle)
–
±0.2
ns
MCOTCH
Output high time
45% of nominal period
55% of nominal period
ns
MCOTCL
Output low time
45% of nominal period
55% of nominal period
ns
TrcClk Output
TCFC
Clock output frequency
PFC/2
MHz
TCTC
Clock period
PTCx2
ns
TCTCS
Clock edge stability (phase jitter, cycle to cycle)
± 0.2
ns
TCTCH
Clock output high time
45% of nominal period
55% of nominal period
ns
TCTCL
Clock output low time
45% of nominal period
55% of nominal period
ns
Other Clocks
VCOFC
VCO frequency @ PFC = 133, 200, or 266MHz
500
1000
MHz
VCOFC
VCO frequency @ PFC = 333MHz
500
1333
MHz
PLBFC
PLB frequency @ PFC = 266.66MHz
66.66
133.33
MHz
PLBFC
PLB frequency @ PFC = 333.33MHz
55.55
111.11
MHz
PLBFC
PLB frequency @ PFC = 200MHz
50
100
MHz
OPBFC
OPB frequency @ PFC = 133.33MHz
8.33
66.66
MHz
OPBFC
OPB frequency @ PFC = 266.66MHz
16.66
66.66
MHz
OPBFC
OPB frequency @ PFC = 333.33MHz
13.87
55.55
MHz
OPBFC
OPB frequency @ PFC = 200MHz
12.5
50
MHz
TCL
TCH
TC
2.0V
1.5V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com