Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC405EP-3LB200C Datasheet(PDF) 42 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200C
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200C Datasheet(HTML) 42 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 46Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
42
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Spread Spectrum Clocking
Care must be taken when using a spread spectrum clock generator (SSCG) with the PPC405EP. This controller
uses a PLL for clock generation inside the chip. The accuracy with which the PLL follows the SSCG is referred to
as tracking skew. The PLL bandwidth and phase angle determine how much tracking skew there is between the
SSCG and the PLL for a given frequency deviation and modulation frequency. When using an SSCG with the
PPC405EP the following conditions must be met:
•
The frequency deviation must not violate the minimum clock cycle time. Therefore, when operating the
PPC405EP with one or more internal clocks at their maximum supported frequency, the SSCG can only
lower the frequency.
•
The maximum frequency deviation cannot exceed
−3%, and the modulation frequency cannot exceed
40kHz. In some cases, on-board PPC405EP peripherals impose more stringent requirements (see Note 1).
•
Use the peripheral bus clock (PerClk) for logic that is synchronous to the peripheral bus since this clock
tracks the modulation.
•
Use the SDRAM MemClkOut since it also tracks the modulation.
Notes:
1. The serial port baud rates are synchronous to the modulated clock. The serial port has a tolerance of approx-
imately 1.5% on baud rate before framing errors begin to occur. The 1.5% tolerance assumes that the
connected device is running at precise baud rates. If an external serial clock is used the baud rate is unaf-
fected by the modulation.
2. Operation of the PPC405EP PCI Bridge is unaffected by the use of an SSCG.
The PCI controller must be operated in asynchronous mode. When in asynchronous mode, the PCI bus clock
must be driven into the PPC405EP PCIClk input. In this configuration the PCI controller supports the
66.66 MHz PCI clock specification which specifies a maximum frequency deviation of -1% at a modulation of
between 30 kHz and 33 kHz.
3. Ethernet operation is unaffected.
4. IIC operation is unaffected.
Caution: It is up to the system designer to ensure that any SSCG used with the PPC405EP meets the above
requirements and does not adversely affect other aspects of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com