Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405EX Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
11
Preliminary Data Sheet
• PCI-Express to PCI-Express opaque (Non-Transparent) bridge
• Power Management
• Supports one virtual channel (VC0) with no Traffic Class (TC) filtering
• Maximum Payload block size 256B
• Supports up to 512B maximum Read request size
• Requests supported:
– Up to two posted outbound Write requests (memory and messages)
– Up to two posted inbound Write requests
– Up to two outbound Read requests outstanding on PCI Express
– Up to two inbound Read requests outstanding on PCI Express
– Outbound I/O request as a PCI Express Root Port
– Inbound I/O request as a PCI Express End Point
• Buffering in each PCI Express Port for the following transaction types:
– 1KB Replay buffer: up to eight in flight transactions
– 512B for Outbound posted Writes
– 512B for Outbound Reads completion
– 512B for Inbound posted Writes
– 512B for Inbound Reads completion
• Parity checking on each buffer
• POM Programmable Outbound Memory Regions: 3 Memory, 1 I/O, 1 Message, 1 config, 1 Internal Regs
• PIM Programmable Inbound Memory Regions: 4 Memory, 1 I/O, 1 Expansion ROM
• INTx Interrupts support (PCI legacy):
– Up to four INTx Termination for Root Ports. A/B/C/D interrupts are wired to the UIC
– A/B/C/D INTx types Generation for Endpoints
• MSI - Message Signaled Interrupts
– MSI Generation for End Point
– MSI Termination for Root Ports
– MSI_X Termination for Root Ports
Security Function
The built-in security function is a cryptographic engine attached to the 128-bit PLB with built-in DMA and interrupt
controllers.
Features include:
• Federal Information Processing Standard (FIPS) 140-2 design
• Support for an unlimited number of Security Associations (SA)
• Different SA formats for each supported protocol (IPsec, SSL/TLS/DTLS, MACSec, SGT L2/L3 and sRTP)
• Internet Protocol Security (IPSec) features
– Full packet transforms (ESP & AH)
– Complete header and trailer processing (IPv4 and IPv6)
– Multi-mode automatic padding
– "Mutable bit" handler for AH, including IPv4 option and IPv6 extension headers
• Secure Socket Layer (SSL), Transport Layer Security (TLS), and Datagram Transport Layer Security (DTLS)
– Packet transforms
– One-pass hash-then-encrypt or decrypt-then-hash for SSL, TLS and DTLS packet transforms using ARC4
Stream Cipher
• Secure Real-Time Protocol (sRTP) features
– Packet transforms
– ROC removal and TAG insertion
– Variable bypass offset of header length per packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com