Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405EX Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 16Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 17Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 18Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 19Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 20Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
17
Preliminary Data Sheet
Signal Lists
The following table lists all the external signals in alphabetical order and shows the ball (pin) number on which the
signal appears. Shared signals are shown with the default signal (following reset) not in brackets and the alternate
signal in brackets. Signals that have different functions for different modes with the same function are separated by
commas.
Shared signals appear alphabetically multiple times in the list—once for each signal name on the ball. The Page
column indicates the page within the table “Signal Functional Description” on page 38 on which the signals in the
indicated interface group begin.
Table 3. Signals Listed Alphabetically (Sheet 1 of 13)
Signal Name
Ball
Interface Group
Page
AGND
K01
Power
44
AGND
L04
AGND
P04
AGND
R01
AHVDD
M04
Power
44
AHVDD
R04
AVDD
J03
Power
44
AVDD
K04
AVDD
M01
AVDD
N03
AVDD
N04
AVDD
P01
AVDD
T01
BA0
AD22
DDR 1/2 SDRAM
42
BA1
AF24
BA2
AE24
BankSel0
AF21
DDR 1/2 SDRAM
42
BankSel1
AE20
[BusReq]GPIO27[DMAEOT3][IRQ5]
B03
External Bus Master
41
CAS
AF20
DDR 1/2 SDRAM
42
DM0
M25
DDR 1/2 SDRAM
42
DM1
T26
DM2
AD16
DM3
AD13
DM4
Y26
[DMAAck0]PerAddr07[TS1]
J26
DMA
41
[DMAAck1]GPIO31[IRQ0]
D01
[DMAAck2][HoldReq]GPIO22
B05
[DMAAck3][ExtAck]GPIO25[IRQ3]
C04
[DMAEOT0][PerAddr05]GPIO26[TS3]
K26
DMA
41
[DMAEOT1]GPIO29[IRQ2]
D03
[DMAEOT2][ExtReq]GPIO24[IRQ4]
A03
[DMAEOT3][BusReq]GPIO27[IRQ5]
B03
[DMAReq0]PerAddr06[TS2]
K25
DMA
41
[DMAReq1]GPIO30[IRQ1]
D02
[DMAReq2][HoldAck]GPIO23
C05
[DMAReq3]PerAddr08[TS0]
J25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com