Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405EX Datasheet(PDF) 14 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 14 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 16Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 17Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 18Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
14
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
General Purpose I/O (GPIO) Controller
The GPIO controller enables multiplexing of module I/O pins with multiple functions within the chip. That is, a single
package pin can be assigned to multiple I/O functions. Which function the pin is assigned to is determined by
register bit settings controlled by software. This significantly reduces the number of package pins needed to
support multiple I/O groups.
Features include:
• Up to 32 GPIOs available
– GPIOs are multiplexed with alternate functions
– If not in use for dedicated functions, I/Os are available as GPIOs
• Direct control of all functions from registers programmed by means of OPB bus master accesses
• Time multiplexing of controller outputs to module outputs
• Programmable conversion of module outputs to open-drain outputs (enables sharing of active low outputs
externally)
• Time multiplexing of module inputs to controller inputs
Universal Interrupt Controller (UIC)
The Universal Interrupt Controller (UIC) provides the control, status, and communications necessary between the
various sources of interrupts and the PPC405 processor.
Features include:
• Ten external interrupt sources supported
• Generate interrupt on level (high or low) or edge (rising or falling)
• Programmable as synchronous (edge-capture or level-sensitive) or asynchronous (edge- or level-sensitive
triggering)
• Each interrupt source/bit programmable as critical or non critical
• DCR bus interface is 32 bits wide
• Optional interrupt handler vector generation
– Programmable vector base address
– Programmable vector offset size
– Programmable interrupt priority ordering
• Programmable polarity for all interrupt types
• Interrupts of the same type do not need to be in contiguous bit positions
• Status registers provide: current state of all interrupts, current state of enabled interrupts
Gigabit Ethernet
The Ethernet support provides two Gigabit (10/100/1000 Mbps) interfaces (GMII/RGMII ).
Features include:
• ANSI/IEEE Std. 802.3 and IEEE 802.3u supplement compliant
• Half-duplex and full-duplex supported
• Receive FIFOs are 512 bytes with programmable thresholds
• FCS control for transmit/receive packets
• Multiple packet handling in transmit and receive FIFOs
• Unicast, multicast, broadcast, and promiscuous address filtering
• Two 256-bit hash filters for unicast and multicast frames
• Automatic retransmission of collided frames
• Runt frame rejection
• Programmable inter-frame gap
• IEEE 802.3x compliant for frame-based flow control mechanism, including self-assembled control frame
transmitting)
• Wake-on-LAN and Power-over-Internet supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com