Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405EZ Datasheet(PDF) 41 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 41 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 45Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
41
Preliminary Data Sheet
Ratings and Specifications
Table 7. Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause
permanent damage to the device. None of the performance specification contained in this document are guaranteed when
operating at these maximum ratings.
Characteristic
Symbol
Value
Unit
Notes
Supply Voltage (Internal Logic)
VDD
0 to +1.6
V
Non-EBC I/O Supply Voltage
OVDD1
0 to +3.6
V
EBC I/O Supply Voltage
OVDD2
0 to +3.6
V
3
PLL Analog Supply Voltage
PLL_AVDD
0 to +1.6
V
ADC Analog Supply Voltage
ADC_AVDD
0 to +3.465
V
DAC Analog Supply Voltage
DAC_AVDD
0 to +3.465
V
Input Voltage (3.3V LVTTL receivers)
VIN
0 to +3.6
V
Input Voltage (5.0V LVTTL receivers)
VIN
0 to +5.5
V
Storage Temperature Range
TSTG
-55 to +150
°C
Case temperature under bias
TC
-40 to +120
°C
Junction temperature
TJMax
+125
°C
1. All voltages are specified with respect to GND.
2. The analog voltages use for the system PLL, the ADC, and the DAC can be derived from VDD and OVDD1, but must be filtered
as shown below before entering the PPC405EZ. Use a separate filter for each voltage. The maximum value for ADC_PLL and
DAC_PLL must be limited to the values shown in this table.
3. OVDD2 must be limited to a maximum value of +3.3V if CRAM/PSRAM devices are attached to the EBC interface. This is a
limitation imposed by the CRAM/PSRAM devices, not the PPC405EZ.
VDD
C1
PLL_AVDD
L1
L1 – Murata BLM18AG121SN1D
C1 – 0.1
μF ceramic
PLL_AGND
GND
OVDD1
C1
ADC_PLL, DAC_PLL
L1
L1 – Murata BLM18AG121SN1D
C1 – 0.1
μF ceramic
ADC_GND, DAC_GND
GND
C2 – 0.01
μF ceramic
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com