Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405EZ Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 5Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 6Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
9
Preliminary Data Sheet
DCR Bus
The daisy-chained DCR bus provides a path for passing status and control information between the processor core
and the other on-chip cores. All DCRs are 32 bits in width.
On-Chip Memory (OCM) Controller
The OCM controller connects the 405EZ processor core to two non-overlapping banks of single-port, on-chip,
configurable 32KB SRAM memory. The OCM can also transfer data between the PLB and internal SRAM banks.
Features include:
• Simultaneous PLB3, instruction-Side OCM and data-Side OCM access
• PLB slave cycles support:
– 64-bit slave attachment addressable by any PLB master
– Single-beat read and write (1 to 8 bytes)
– 4-, 8-, and 16-word line read and write
– Double word and word read and write bursts
– Slave-terminated double word and word bursts
– Master-terminated variable length bursts
– Data parity generation and checking
– Read/Write protection per bank
• Instruction side interface supports:
– One-Wait state OCM access with 1-deep write buffer
– Data parity checking
• Data side interface supports:
– One-wait state OCM access with 1-deep write buffer
– Data parity generation and checking
– Read/Write protection per bank
• Processor side data port has highest access priority (maintains predictable memory accesses to OCM)
External Bus Controller
The external bus controller (EBC) transfers data between the PLB and external memory or peripheral devices
attached to the external peripheral bus. The EBC provides direct attachment of memory devices such as ROM and
SRAM, DMA device paced memory devices, and DMA peripheral devices.
Features include:
• Up to 83 MHz speed
• 8-, 16-, or 32-bit data bus, 28-bit address bus
• Up to eight chip selects
• Arbitration and multi-master supported
• Flash ROM interface
• Boot from EBC (including NAND Flash interface) support
• Direct support for 8-,16-, or 32-bit SRAM and external peripherals
• CRAM/PSRAM support
NAND Flash Controller
The NAND Flash controller (NDFC) provides a simple interface between the External Bus Controller (EBC) and a
variety of NAND Flash-based storage devices.
Features include:
• Attachment as internal EBC slave device (refer to the PPC405EZ Embedded Processor User’s Manual for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com