Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440EPX-SPAFFFTS Datasheet(PDF) 61 Page - Applied Micro Circuits Corporation

Part # PPC440EPX-SPAFFFTS
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EPX-SPAFFFTS Datasheet(HTML) 61 Page - Applied Micro Circuits Corporation

Back Button PPC440EPX-SPAFFFTS Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 65Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
61
Preliminary Data Sheet
External Master Peripheral Interface
BusReq
Bus Request. Used when the PPC440EPx needs to regain
control of peripheral interface from an external master.
O
3.3V LVTTL
ExtAck
External Acknowledgement. Used by the PPC440EPx to indicate
that a data transfer occurred.
O
3.3V LVTTL
ExtReq
External Request. Used by an external master to indicate it is
prepared to transfer data.
I
3.3V LVTTL
1
ExtReset
Peripheral Reset. Used by an external master and by
synchronous peripheral slaves.
Note: The state of signals or clocks cannot be guaranteed until
the ExtReset signal has been de-asserted.
O
3.3V LVTTL
HoldAck
Hold Acknowledge. Used by the PPC440EPx to transfer
ownership of peripheral bus to an external master.
O
3.3V LVTTL
HoldReq
Hold Request. Used by an external master to request ownership
of the peripheral bus.
I
3.3V LVTTL
HoldPri
Hold Primary. Used by an external master to indicate the priority
of a given external master tenure.
I
3.3V LVTTL
w/pull-up
PerClk
Peripheral Clock. Used by an external master and by
synchronous peripheral slaves.
O
3.3V LVTTL
1
UART Peripheral Interface
The UART interface can be configured as follows:
1. One 8-pin, where n = 0
2. Two 4-pin, where n = 0 & 1
3. One 4-pin, where n = 0 and two 2-pin, where n = 1 & 2
4. Four 2-pin, where n = 0 & 1 & 2 & 3
UARTSerClk
The SerClk input provides an alternative to the internally
generated serial clock. It is used in cases where the allowable
internally generated clock rates are not satisfactory.
I
3.3V LVTTL
1, 4
UARTn_Rx
Receive data.
I
3.3V LVTTL
Rcvr
1, 4
UARTn_Tx
Transmit data.
O
3.3V LVTTL
UARTn_DCD
Data Carrier Detect.
I
3.3V LVTTL
1, 6
UARTn_DSR
Data Set Ready.
I
3.3V LVTTL
1, 6
UARTn_CTS
Clear To Send.
I
3.3V LVTTL
1, 6
UARTn_DTR
Data Terminal Ready.
O
3.3V LVTTL
1
UARTn_RTS
Request To Send.
O
3.3V LVTTL
1
UARTn_RI
Ring Indicator.
I
3.3V LVTTL
1
IIC Peripheral Interface
IIC0SClk
IIC0 Serial Clock.
I/O
3.3V LVTTL
1, 2
IIC0SData
IIC0 Serial Data.
I/O
3.3V LVTTL
1, 2
IIC1SClk
IIC1 Serial Clock.
I/O
3.3V LVTTL
1
IIC1SData
IIC1 Serial Data.
I/O
3.3V LVTTL
Table 8. Signal Functional Description (Sheet 5 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to OV
DD (EOVDD for Ethernet)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to OV
DD (EOVDD for Ethernet)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com