Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440EPX-SPAFFFTS Datasheet(PDF) 69 Page - Applied Micro Circuits Corporation

Part # PPC440EPX-SPAFFFTS
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EPX-SPAFFFTS Datasheet(HTML) 69 Page - Applied Micro Circuits Corporation

Back Button PPC440EPX-SPAFFFTS Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 73Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
Receiver
AC Overshoot (V)
DC Overshoot (V)
DC Undershoot (V)
AC Undershoot (V)
TOS
3.3V LVTTL
3.9
3.6
-0.16
-0.6
0.1*TCYC
1
2.5V (3.3V tolerant)
3.9
3.6
-0.16
-0.6
0.1*TCYC
1
DDR
1.2*SOVDD
SOVDD + 0.3
-0.3
-0.6
0.1/MemClkOut
PCI
1.2*OVDD
OVDD + 0.5
-0.5
-0.2*OVDD
0.1/PCIClk
Notes:
1. TCYC is the period of the bus clock.
1/PerClk - EBC and NAND flash interfaces.
1/GMCRXClk - GMII and MII modes
1/SMIIRefClk - SMII mode
1/GMCGRXClk - RGMII mode
1/USB2Clk - UTMI
1/TrcClk - instruction trace interface
1/IIC0Clk and 1/IIC1Clk - IIC interfaces
1/SPIClkOut - SPI
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
69
Preliminary Data Sheet
Power Sequencing
Startup sequencing of the power supply voltages is not required. However, a power-down cycle must complete
(OVDD and VDD are below +0.4V) before a new power-up cycle is started.
Analog Voltage Filter
The analog voltages (AVdd, EAVdd, and UnAVdd) used for the on-chip PLLs can be derived from the logic voltage, but must be
filtered before the PPC440EPx. A Separate filter, as shown below, is recommended for each voltage.
• The filter should keep the analog voltage to analog ground compression/expansion due to noise less than +50
mV.
• Keep all wire lengths as short as possible.
• Analog grounds must be brought out and connected to the digital ground plane at the filter capacitor.
• The impedance of the ferrite bead should be much greater than that of the capacitor at frequencies where
noise is expected.
VDD
C
L
L – SMT ferrite bead chip, Murata
BLM21PG600SN1
GND
AVDD, SAVDD, UnAVdd
AGND, SAGND, UnAGND
Table 12. Overshoot and Undershoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com