Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440EPX-SPAFFFTS Datasheet(PDF) 73 Page - Applied Micro Circuits Corporation

Part # PPC440EPX-SPAFFFTS
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EPX-SPAFFFTS Datasheet(HTML) 73 Page - Applied Micro Circuits Corporation

Back Button PPC440EPX-SPAFFFTS Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 77Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
73
Preliminary Data Sheet
Thermal Monitor
Thermal monitoring of the chip is accomplished using the PNP transistor (
β ≈ 2) provided on the chip. The collector
of the transistor is connected to ground (GND). The emitter (TherMonA) and base (TherMonB) are connected to
chip pins. A voltage measurement (VBE1 and VBE2) across the TherMonA and TherMonB pins at the two current
values I1 and I2 provides the chip temperature in °K according to the equation:
T = (q/nk)(VBE2−VBE1)/ln(I2/I1) °K where q = 1.602 176 53×10
-19, n = 1.0 ± 0.015, and k = 1.380 6505×10-23.
Note: VBE2 and VBE1 should be specified in Volts. I1 and I2 can be any units of measure provided they are the
same. The small values require precision measurement and current sources.
The calculated on chip (ball to ball) series resistance for the PPC440EPx thermal monitor circuit is 2.0 ohms. The
thermal sensor reflects the PPC440EPx junction temperature.
TherMonA
TherMonB
PPC440EPx
I1, I2 (Max = 300μA)
E
B
VBE1, VBE2
Note: The bias voltage VEB should be between +0.5V and +0.7V.
C
Test Conditions
Output
Pin
50pF
Clock timing and switching characteristics are specified in accordance with operating
conditions shown in Table 10 on page 66. AC specifications are characterized with
VDD = +1.5V, TC = +85 °C and a 50pF test load as shown in the figure to the right.
Table 18. Clocking Specifications
Symbol
Parameter
Min
Max
Units
Notes
SysClk Input
FC
Frequency
33.33
66.66
MHz
TC
Period
15
30
ns
TCS
Edge stability (cycle-to-
cycle jitter)
–
±0.15
ns
TCH
High time
40% of nominal
period
60% of nominal
period
ns
TCL
Low time
40% of nominal
period
60% of nominal
period
ns
Note: Input slew rate
≥ 1V/ns
PLL VCO
FC
Frequency
600
1333.33
MHz
TC
Period
0.750
1.66
ns
Processor (CPU) Clock
FC
Frequency
333.33
666.66
MHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com