Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440GP-3CC400C Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
13
Revision 1.07 – October 4, 2007
Data Sheet
• External master interface
- Write posting from external master
- Read prefetching on PLB for external master reads
- Bursting capable from external master
- Allows external master access to all non-EBC PLB slaves
- External master can control EBC slaves for own access and control
Ethernet Controller Interface
Ethernet support provided by the PPC440GP interfaces to the physical layer, but the PHY is not included on the
chip.
Features include:
• One or two interfaces running in full- and half-duplex modes at 10Mb/s or 100Mb/s
- One full Media Independent Interface (MII) with 4-bit parallel data transfer
- Two Reduced Media Independent Interfaces (RMII) with 2-bit parallel data transfer
DMA Controller
Features include:
• Supports the following transfers:
- Memory-to-memory transfers
- Buffered peripheral to memory transfers
- Buffered memory to peripheral transfers
• Four channels
• Scatter/Gather capability for programming multiple DMA operations
• 8-, 16-, 32-bit peripheral support (OPB and external)
• 64-bit addressing
• Address increment or decrement
• Supports internal and external peripherals
• Support for memory mapped peripherals
• Support for peripherals running on slower frequency buses
Serial Port
Features include:
• One 8-pin UART and one 4-pin UART interface provided
• Selectable internal or external serial clock to allow wide range of baud rates
• Register compatibility with 16750 register set
• Complete status reporting capability
• Fully programmable serial-interface characteristics
• Supports DMA using internal DMA engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com