Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440GP-3CC400C Datasheet(PDF) 66 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 66 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 70Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
66
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Ethernet MII Interface
EMCRxD0:3
4
1
na
na
n/a
n/a
EMCRxClk
1
EMCRxDV
4
1
na
na
n/a
n/a
EMCRxClk
1
EMCRxClk
na
na
na
na
n/a
n/a
1,
async
EMCRxErr
4
1
na
na
n/a
n/a
EMCRxClk
1
EMCTxD0:3
na
na
15
2
10.3
7.1
EMCTxClk
1
EMCTxEn
na
na
15
2
10.3
7.1
EMCTxClk
1
EMCTxClk
na
na
na
na
na
na
1,
async
EMCTxErr
na
na
15
2
10.3
7.1
EMCTxClk
1
EMCCrS
na
na
n/a
n/a
1,
async
EMCCD
na
na
n/a
n/a
1,
async
EMCMDIO
10.3
7.1
EMCMDClk
1
EMCMDClk
na
na
na
na
10.3
7.1
1,
async
Ethernet RMII Interface
EMC0RxD0:1
2
1
na
na
n/a
n/a
EMCRxClk
EMC0RxErr
2
1
na
na
n/a
n/a
EMCRxClk
EMC0CrSDV
na
na
n/a
n/a
EMCRxClk
EMC0TxD0:1
na
na
11
2
10.3
7.1
EMCTxClk
EMC0:1TxEn
na
na
11
2
10.3
7.1
EMCTxClk
EMC1RxD0:1
na
na
10.3
7.1
EMCRxClk
EMC1RxErr
na
na
n/a
n/a
EMCRxClk
EMC1CrSDV
na
na
n/a
n/a
EMCRxClk
EMC1TxD0:1
na
na
11
2
10.3
7.1
EMCTxClk
EMCRefClk
na
na
na
na
10.3
7.1
3,
async
I/O Specifications—All Speeds (Sheet 2 of 4)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com