Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440GP-3CC400C Datasheet(PDF) 80 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 80 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 83Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
80
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Initialization
The PPC440GP provides the option for setting initial parameters based on default values or by reading them from
a slave PROM attached to the IIC0 bus (see “Serial EEPROM” below). Some of the default values can be altered
by strapping on external pins (see “Strapping” below).
Strapping
While the SysReset input pin is low (system reset), the state of certain I/O pins is read to enable certain default
initial conditions prior to PPC440GP start-up. The actual capture instant is the nearest reference clock edge before
the deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down (logical 0)
resistors to select the desired default conditions. They are used for strap functions only during reset. Following
reset they are used for normal functions.
The following table lists the strapping pins along with their functions and strapping options:
Serial EEPROM
During reset, initial conditions other than those obtained from the strapping pins can be read from a ROM device
connected to the IIC0 port. At the de-assertion of reset, if the bootstrap controller is enabled, the PPC440GP
sequentially reads 16 bytes from the ROM device on the IIC0 port and sets the SYS0and SYS1 registers
accordingly. Otherwise, the default values set in the STRP0 and STRP1 registers are used for initialization.
The initialization settings and their default values are covered in detail in the PowerPC 440GP Embedded
Processor User’s Manual.
Strapping Pin Assignments
Function
Option
Ball Strapping
V24
(UART0_DCD)
Bootstrap controller
Disabled
0
Enabled
1
V02
(UART0_DSR)
IIC0 slave address that will respond with boot data
0x54
0
0x50
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com