Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638009S4F02LP9M Datasheet(PDF) 9 Page - Ashcroft, Inc.

Part # 638009S4F02LP9M
Description  8009S Pressure Gauge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638009S4F02LP9M Datasheet(HTML) 9 Page - Ashcroft, Inc.

Back Button 638009S4F02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 9Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 10Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 11Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 12Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 13Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
8009S Pressure Gauge
of 13
9
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc. For more information,
see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. 8009S_ds_RevC_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
63 mm lower connect - rear flange
Connection Code
Process Connection
Height
01
1
⁄8 NPT
3.81 [96.6]
02
¼ NPT
3.86 [98.1]
13
G¼ B
3.86 [98.0]
41
M14x1.5
3.90 [99.0]
EJ
JIC #4
3.81 [96.6]
JP
¼ Tube
3.97 [100.8]
JR
3
⁄8 Tube
4.10 [104.1]
JS
½ Tube
4.23 [107.4]
KA
¼ BSPT
3.81 [96.6]
RW
SAE 7⁄16-20
3.97 [100.8]
100 mm center back connect - rear flange
Connection Code
Process Connection
Depth
02
¼ NPT
3.15 [80.0]
04
½ NPT
3.20 [81.2]
09
¼ HP Female
3.20 [81.2]
13
G¼ B
3.07 [77.9]
15
G½ B
3.31 [84.2]
16
M20x1.5
3.31 [84.2]
JP
¼ Tube
3.18 [80.7]
JR
3
⁄8 Tube
3.31 [84.0]
JS
½ Tube
3.34 [84.9]
KA
¼ BSPT or R ¼
3.00 [76.3]
KD
½ BSPT or R ½
3.20 [81.2]
63 mm lower connect - stem mount
Connection Code
Process Connection
Height
01
1
⁄8 NPT
3.81 [96.6]
02
¼ NPT
3.86 [98.1]
13
G¼ B
3.86 [98.0]
41
M14x1.5
3.90 [99.0]
EJ
JIC #4
3.81 [96.6]
JP
¼ Tube
3.97 [100.8]
JR
3
⁄8 Tube
4.10 [104.1]
JS
½ Tube
4.23 [107.4]
KA
¼ BSPT
3.81 [96.6]
RW
SAE 7⁄16-20
3.97 [100.8]
(04 Connection Shown)
(Depth)
Ø 4.57 in
[116.0 mm]
Ø 3.74 in
[95.0 mm]
120° TYP.
Ø 4.25 in
[108 mm]
Ø 5.25 in
[134.0 mm]
Ø 3.90 in
[99.1 mm]
0.62 in
[15.8 mm]
(Wrench Flats)
3X Ø 0.22 [5.6 mm]
(Process Connection)
2.07 in
[52.5 mm]
0.44 in
[11.2 mm]
0.84 in
[21.4 mm]
Drawing 17 108009S_04CP3 - 070A4755
Drawing 19 638009S_02LP3 - 070A4748.DXF
(02 Connection Shown)
(Height)
Ø 3.13 in
[79.5 mm]
Ø 2.25 in
[57.2 mm]
Ø 3.96 in
[100.6 mm]
3X Ø 0.16 in
[4.1 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
(Process Connection)
1.62 in
[41.0 mm]
0.72 in
[18.2 mm]
2.80 in
[71.1 mm]
0.74 in
120° TYP.
[11.2 mm]
0.42 in
[10.5 mm]
(02 Connection Shown)
(Height)
Ø 2.45 in
[62.2 mm]
Ø 2.25 in
[57.2 mm]
Ø 2.80 in
[71.1 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
(Process Connection)
0.07 in
[1.7 mm]
1.32 in
[33.4 mm]
0.44 in
[11.2 mm]
0.42 in
[10.5 mm]
0.42 in
[10.6 mm]
Drawing 18 638009S_02LP0 - 070A4748



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com