Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638009S4F02LP9M Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 638009S4F02LP9M
Description  8009S Pressure Gauge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638009S4F02LP9M Datasheet(HTML) 2 Page - Ashcroft, Inc.

  638009S4F02LP9M Datasheet HTML 1Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 2Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 3Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 4Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 9Page - Ashcroft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
of 13
8009S Pressure Gauge
2
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc. For more information,
see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. 8009S_ds_RevC_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
63
8009S
4
G
02
L
P
0
L
10BR XWP
Dial Size
63 - 63 mm / 2½˝
63
10 - 100 mm / 4˝
Model
8009S - Pressure gauge
8009S
Case/Ring Material
4 - 304 Stainless steel
4
6 - 316 Stainless steel
Fill
F - Dry with FlutterGuard™
G - Glycerine filled
G
S - Silicone filled
N - Dry, silicone free
T - Dry, with silicone free FlutterGuard™
Process Connection Sizes (See Table on page 3 for more options)
02 - ¼ NPT Male
02
Process Connection Location
B - Lower back
C - Center back
D - 3 o’clock (right side)
E - 9 o’clock (left side)
L - Lower
L
T - Top
Window Material
P - Polycarbonate
P
R - Regular glass
S - Safety glass
Case Mounting
0 - Stem mounting
0
1 - U-clamp (center back only; connection mounted)
2 - Front flange (lower back and center back only)
3 - Rear flange
4 - Front flange and U-clamp (center back only; connection mounted)
5 - Trim ring and U-clamp (center back only; connection mounted)
6 - U-clamp (lower back and center back only; case mounted)
8 - Front flange and U-clamp (lower back and center back only; case mounted)
9 - Trim ring and U-clamp (lower back and center back only; case mounted)
Accuracy
J - ±1% of span (not available in 15,000 psi or 20,000 psi)
L - ±1.6% of span
L
M - ±2-1-2% of span (not available in 15,000 psi or 20,000 psi)
Ranges (coding example only, see Table 1 for all standard ranges)
10BR - Black primary and secondary dial scales on white background
10BR
100#/BR - 100# black primary inner scale/ Bar minor blue outer scale (number value is dominant scale)
BR/100# - Bar minor blue inner scale100#/ black primary outer scale (number value is dominant scale)
Options (If choosing an option(s) must include an “X”) (See Table on page 3 for more options)
X _ _
WP - Omit restrictor
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com