Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638009S4F02LP9M Datasheet(PDF) 10 Page - Ashcroft, Inc.

Part # 638009S4F02LP9M
Description  8009S Pressure Gauge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

638009S4F02LP9M Datasheet(HTML) 10 Page - Ashcroft, Inc.

Back Button 638009S4F02LP9M Datasheet HTML 5Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 6Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 7Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 8Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 9Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 10Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 11Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 12Page - Ashcroft, Inc. 638009S4F02LP9M Datasheet HTML 13Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
of 13
8009S Pressure Gauge
10
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™ and Trust the Shield® are trademarks of Ashcroft Inc. For more information,
see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. 8009S_ds_RevC_10-03-24
ashcroft.com
| 1.800.328.8258 | Contact Us
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
63 mm lower back connect - stem mount
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.50 [63.4]
02
¼ NPT
2.55 [64.8]
13
G¼ B
2.55 [64.7]
41
M14x1.5
2.59 [65.7]
EJ
JIC #4
2.50 [63.4]
JP
¼ Tube
2.66 [67.5]
JR
3
⁄8 Tube
2.79 [70.8]
JS
½ Tube
2.92 [74.1]
KA
¼ BSPT
2.50 [63.4]
RW
SAE 7⁄16-20
2.66 [67.5]
63 mm lower back connect - front flange
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.50 [63.4]
02
¼ NPT
2.55 [64.8]
13
G¼ B
2.55 [64.7]
41
M14x1.5
2.59 [65.7]
EJ
JIC #4
2.50 [63.4]
JP
¼ Tube
2.66 [67.5]
JR
3
⁄8 Tube
2.79 [70.8]
JS
½ Tube
2.92 [74.1]
KA
¼ BSPT
2.50 [63.4]
RW
SAE 7⁄16-20
2.66 [67.5]
63 mm lower back connect - panel mount, case, front flange
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.50 [63.4]
02
¼ NPT
2.55 [64.8]
13
G¼ B
2.55 [64.7]
41
M14x1.5
2.59 [65.7]
EJ
JIC #4
2.50 [63.4]
JP
¼ Tube
2.66 [67.5]
JR
3
⁄8 Tube
2.79 [70.8]
JS
½ Tube
2.92 [74.1]
KA
¼ BSPT
2.50 [63.4]
RW
SAE 7⁄16-20
2.66 [67.5]
63 mm lower back connect - panel mount, case
Connection Code
Process Connection
Depth
01
1
⁄8 NPT
2.50 [63.4]
02
¼ NPT
2.55 [64.8]
13
G¼ B
2.55 [64.7]
41
M14x1.5
2.59 [65.7]
EJ
JIC #4
2.50 [63.4]
JP
¼ Tube
2.66 [67.5]
JR
3
⁄8 Tube
2.79 [70.8]
JS
½ Tube
2.92 [74.1]
KA
¼ BSPT
2.50 [63.4]
RW
SAE 7⁄16-20
2.66 [67.5]
(02 Connection Shown)
(Depth)
Ø 2.45 in
[62.2 mm]
Ø 2.25 in
[57.2 mm]
Ø 2.80 in
[71.1 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
(Process Connection)
0.07 in
[1.7 mm]
0.80 in
[20.3 mm]
0.44 in
[11.2 mm]
0.42 in
[10.5 mm]
1.32 in
[33.4 mm]
Drawing 20 638009S_02BP0 - 070A4749
(02 Connection Shown)
(Depth)
0.42 in
[10.5 mm]
Ø 2.80 in
[71.1 mm]
Ø 2.25 in
[57.2 mm]
0.44 in
[110 mm]
(Wrench Flats)
(Process Connection)
Recommended
Panel Hole Size
Min: 2.48 in [63.0 mm]
Max: 2.56 in [65.0 mm]
Threaded Studs & Lock
Nuts Included (2X)
1.12 in
[28.4 mm]
0.80 in
[20.3 mm]
0.07 in
[1.7 mm]
2.45 in
[62.2 mm]
0.44 in
[11.2 mm]
1.32 in
[33.4 mm]
1.94 in
[49.2 mm]
2.88 in
[73.3 mm]
Drawing 21 638009S_02BP6 - 070A4749
(02 Connection Shown)
Ø 3.13 in
[79.5 mm]
Ø 2.25 in
[57.2 mm]
Ø 3.96 in
[100.6 mm]
Ø 2.52 in
[64.0 mm]
3X Ø 0.16 in
[4.1 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
(Process Connection)
1.32 in
[33.4 mm]
2.45 in
[62.2 mm]
0.80 in
[20.3 mm]
2.80 in
[71.1 mm]
0.48 in
120° TYP.
[12.3 mm]
Drawing 22 638009S_02BP2 - 070A4749
Recommended
Panel Hole Size
Min: 2.64 in [67.0 mm]
Max: 2.76 in [70.0 mm]
0.44 in
[11.2 mm]
0.07 in
[1.7 mm]
(Depth)
(02 Connection Shown)
Ø 2.25 in
[57.2 mm]
Ø 3.96 in
[100.6 mm]
Ø 2.45 in
3X Ø 0.16 in
[4.1 mm]
Ø 3.13 in
[79.5 mm]
0.44 in
[11.0 mm]
(Wrench Flats)
(Process Connection)
Threaded Studs & Lock
Nuts Included (2X)
1.32 in
[33.4 mm]
0.80 in
[20.3 mm]
2.80 in
[71.1 mm]
2.88 in
120° TYP.
[73.3 mm]
0.48 in
[12.3 mm]
1.12 in
[28.4 mm]
[62.2 mm]
0.07 in
[1.7 mm]
Drawing 23 638009S_02BP8 - 070A4749
Recommended
Panel Hole Size
Min: 2.64 in [67.0 mm]
Max: 2.76 in [70.0 mm]
0.44 in
[11.2 mm]
(Depth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com