Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML0308B Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML0308B
Description  Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML0308B Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML0308B Datasheet HTML 1Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 2Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 3Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 4Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 5Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 6Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 7Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 8Page - Minilogic Device Corporation Limited ML0308B Datasheet HTML 9Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ML0308 Preliminary
______________________________________________________________________________________________________
1/9
Rev. B, July 2005
ML0308A/B - Tiny Package, High Efficiency,
White LED Driver and Step-up DC/DC Converter
TYPICAL APPLICATIONS
Figure 1: One-cell Li-ion to 15V Converter and White LED Driver
APPLICATIONS
LCD Bias
Handheld Computers
Battery Backup
Digital Cameras
FEATURES
1.2MHz Switching Frequency Furnishes the
Use of Tiny Surface Mount Components
High Output Voltage: Up To 16V
Automatic Softstart
Drives Up To Four White LEDs From 3.6V
Supply
DESCRIPTION
The ML0308 are high efficiency, white LED
driver and step-up DC/DC converters in a tiny
SOT23 5-lead package. The ML0308 switches
at 1.2MHz. High switching frequency permits
the use of tiny, low profile inductors and
capacitor to minimize footprint and cost in
space-conscious portable applications.
The 18V switch allows high output voltage up
to 16V to be easily generated in a simple boost
topology
avoiding
the
use
of
costly
transformers.


Similar Part No. - ML0308B

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308 Datasheet
271Kb / 4P
ML0308 Backlight LED Boost Converter
More results

Similar Description - ML0308B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266B RICHTEK-RT9266B Datasheet
316Kb / 13P
Tiny Package, High Efficiency, Step-Up DC/DC Converter
RT9275 RICHTEK-RT9275 Datasheet
305Kb / 14P
Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
Leshan Radio Company
LR9908 LRC-LR9908 Datasheet
427Kb / 8P
TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com