Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4602AIMSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4602AIMSTRT
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC4602AIMSTRT Datasheet HTML 1Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 2Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Notes:
(1) Guaranteed by design.
(2) Guaranteed by characterization.
(3) Dead time delay from PDRV high to NDRV high is adaptive. As the phase node voltage drops below 600mV due to PDRV
high, NDRV will start to turn high.
Electrical Characteristics (Cont.)
yyww = Date Code (Example: 0012)
xxxxxxxx = Semtech Lot No. (Example: E901
01-1)
Marking Information
yyww = Date Code (Example: 0012)
xxxxxxxx = Semtech Lot No. (Example: E901
01-1)
Unless otherwise specified, V
CC = 3.3V, TA = -40
oC to 85oC, T
A = TJ.
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
)
.
t
n
o
C
(
s
t
u
p
t
u
O
r
e
v
i
r
D
l
e
n
n
a
h
C
-
P
d
n
a
l
e
n
n
a
h
c
-
N
e
m
i
T
e
s
i
R
t
u
p
t
u
O
V
R
D
N
)
1
(
C
,
V
3
.
3
=
s
g
V
T
U
O
F
n
0
.
1
=5
1s
n
e
m
i
T
ll
a
F
t
u
p
t
u
O
V
R
D
N
)
1
(
C
,
V
3
.
3
=
s
g
V
T
U
O
F
n
0
.
1
=5
1s
n
y
a
l
e
D
e
m
it
d
a
e
D
)
h
g
i
h
V
R
D
N
o
t
h
g
i
h
V
R
D
P
(
)
1
(
e
v
it
p
a
d
a
y
a
l
e
D
e
m
it
d
a
e
D
)
w
o
l
V
R
D
P
o
t
w
o
l
V
R
D
N
(
)
1
(
0
5s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com