Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4602AIMSTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4602AIMSTRT
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4602AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Typical Characteristic
Over current protection characteristic of SC4602B for 3.3V to1.5V @6A application:
The over current protection curve below is obtained by applying a gradually increased load while the load current
and the output voltage are monitored and measured. When the load current is increased from 0 to 9A (over current
trigger point), the output voltage is 1.5V, corresponding from Point A to Point B. As the load current increases
further from 9A to 9.6A, the output voltage drops significantly from 1.5V (Point B) to 0.54V (Point C). Because an
over current and a lower output voltage (0.54V<68.75%*1.5V=1.03V) are present at Point C, the SC4602B enters
its HICCUP mode. Then the locus of the output current and the output voltage follows Line CD as shown in the
curve. Due to the over current applied, the HICCUP protection will go back and forth on Line CD. This prevents
excess power dissipation in the P-MOSFET during a short output conditio
Overcurrent protection
0
0.5
1
1.5
2
2.5
3
0
3
6
9
12
15
18
Output Current (A)
B
C
D
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com