Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4602AIMSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4602AIMSTRT
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4602AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4602AIMSTRT Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
PCB Layout - 3.3V to 1.5V @ 6A
PCB layout information for 3.3V to1.5V @6A with SC4602B application (NH020 footprint)
Top
Bottom
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com