Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5DS16M16CS Datasheet(PDF) 39 Page - NanoAmp Solutions, Inc.

Part # NT5DS16M16CS
Description  256Mb DDR Synchronous DRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

NT5DS16M16CS Datasheet(HTML) 39 Page - NanoAmp Solutions, Inc.

Back Button NT5DS16M16CS Datasheet HTML 35Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 36Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 37Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 38Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 39Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 40Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 41Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 42Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 43Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Write to Read: Minimum DQSS, Odd Number of Data (3 bit Write), Interrupting (CAS
Latency = 2; Burst Length = 8)
DI a-b = data in for bank a, column b.
An interrupted burst is shown, 3 data elements are written.
2 subsequent elements of data in are applied in the programmed order following DI a-b.
tWTR is referenced from the first positive CK edge after the last desired data in pair (not the last desired data in element)
The Read command masks the last 2 data elements in the burst.
A10 is Low with the Write command (Auto Precharge is disabled).
The Read and Write commands are not necessarily to the same bank.
Don’t Care
T1
T2
T3
T4
T5
T6
NOP
NOP
NOP
Read
Write
NOP
CK
CK
Command
Address
BAa, COL b
BAa, COL n
tWTR
DI a-b
DQS
DQ
CL = 2
tDQSS (min)
DM
12
2
1 = This bit is correctly written into the memory array if DM is low.
2 = These bits are incorrectly written into the memory array if DM is low.
NT5DS64M4CT, NT5DS32M8CT, NT5DS16M16CT
NT5DS64M4CS, NT5DS32M8CS, NT5DS16M16CS
DOC # 14-02-044 Rev A ECN # 01-1116
The specifications of this device are subject to change without notice. For latest documentation, see http://www.nanoamp.com
39
NanoAmp Solutions, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com