Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5DS16M16CS Datasheet(PDF) 49 Page - NanoAmp Solutions, Inc.

Part # NT5DS16M16CS
Description  256Mb DDR Synchronous DRAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

NT5DS16M16CS Datasheet(HTML) 49 Page - NanoAmp Solutions, Inc.

Back Button NT5DS16M16CS Datasheet HTML 45Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 46Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 47Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 48Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 49Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 50Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 51Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 52Page - NanoAmp Solutions, Inc. NT5DS16M16CS Datasheet HTML 53Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Truth Table 4: Current State Bank n - Command to Bank m (Different bank)
(Part 1 of 2)
Current State
CS
RAS
CAS
WE
Command
Action
Notes
Any
H
X
X
X
Deselect
NOP/continue previous operation
1-6
L
H
H
H
No Operation
NOP/continue previous operation
1-6
Idle
XX
XX
Any Command Otherwise
Allowed to Bank m
1-6
Row Activating,
Active, or
Precharging
L
L
H
H
Active
Select and activate row
1-6
L
H
L
H
Read
Select column and start Read burst
1-7
L
H
L
L
Write
Select column and start Write burst
1-7
L
L
H
L
Precharge
1-6
Read
(Auto Precharge
Disabled)
L
L
H
H
Active
Select and activate row
1-6
L
H
L
H
Read
Select column and start new Read burst
1-7
L
L
H
L
Precharge
1-6
Write
(Auto Precharge
Disabled)
L
L
H
H
Active
Select and activate row
1-6
L
H
L
H
Read
Select column and start Read burst
1-8
L
H
L
L
Write
Select column and start new Write burst
1-7
L
L
H
L
Precharge
1-6
1. This table applies when CKE n-1 was high and CKE n is high (see Truth Table 2: Clock Enable (CKE) and after tXSNR / tXSRD has been
met (if the previous state was self refresh).
2. This table describes alternate bank operation, except where noted, i.e., the current state is for bank n and the commands shown are
those allowed to be issued to bank m (assuming that bank m is in such a state that the given command is allowable). Exceptions are cov-
ered in the notes below.
3. Current state definitions:
Idle:
The bank has been precharged, and tRP has been met.
Row Active:
A row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register accesses are
in progress.
Read:
A Read burst has been initiated, with Auto Precharge disabled, and has not yet terminated or been terminated.
Write:
A Write burst has been initiated, with Auto Precharge disabled, and has not yet terminated or been terminated.
Read with Auto Precharge Enabled: See note 10.
Write with Auto Precharge Enabled: See note 10.
4. Auto Refresh and Mode Register Set commands may only be issued when all banks are idle.
5. A Burst Terminate command cannot be issued to another bank; it applies to the bank represented by the current state only.
6. All states and sequences not shown are illegal or reserved.
7. Reads or Writes listed in the Command/Action column include Reads or Writes with Auto Precharge enabled and Reads or Writes with
Auto Precharge disabled.
8. Requires appropriate DM masking.
9. A Write command may be applied after the completion of data output.
10. The Read with Auto Precharge enabled or Write with Auto Precharge enabled states can each be broken into two parts: the access
period and the precharge period. For Read with Auto Precharge, the precharge period is defined as if the same burst was executed with
Auto Precharge disabled and then followed with the earliest possible Precharge command that still accesses all of the data in the burst.
For Write with Auto Precharge, the precharge period begins when tWR ends, with tWR measured as if Auto Precharge was disabled. The
access period starts with registration of the command and ends where the precharge period (or tRP) begins. During the precharge period
of the Read with Auto Precharge Enabled or Write with Auto Precharge Enabled states, Active, Precharge, Read, and Write commands to
the other bank may be applied; during the access period, only Active and Precharge commands to the other bank may be applied. In
either case, all other related limitations apply (e.g. contention between Read data and Write data must be avoided).
NT5DS64M4CT, NT5DS32M8CT, NT5DS16M16CT
NT5DS64M4CS, NT5DS32M8CS, NT5DS16M16CS
DOC # 14-02-044 Rev A ECN # 01-1116
The specifications of this device are subject to change without notice. For latest documentation, see http://www.nanoamp.com
49
NanoAmp Solutions, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com