Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46E Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E
Rev. 1.20
46
August 15, 2007
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. Two types of system clocks can be selected
while various clock source options for the Watchdog
Timer, are provided for maximum flexibility. All oscillator
options are selected through the configuration options.
System Clock Configurations
There are two methods of generating the system clock,
using an external crystal/ceramic oscillator or an exter-
nal RC network. The chosen method is selected through
the configuration options.
System Crystal/Ceramic Oscillator
After selecting the correct oscillator configuration op-
tion, for most crystal oscillator configurations, the simple
connection of a crystal across OSC1 and OSC2 will cre-
ate the necessary phase shift and feedback for oscilla-
tion, without requiring external capacitors. However, for
some crystal types and frequencies, to ensure oscilla-
tion, it may be necessary to add two small value capaci-
tors, C1 and C2. Using a ceramic resonator will usually
require two small value capacitors, C1 and C2, to be
connected as shown for oscillation to occur. The values
of C1 and C2 should be selected in consultation with the
crystal or resonator manufacturer's specification. In
most applications, resistor R1 is not required, however
for those applications where the LVR function is not
used, R1 may be necessary to ensure the oscillator
stops running when VDD falls below its operating range.
More information regarding the oscillator is located in
Application Note HA0075E on the Holtek website.
External System RC Oscillator
After selecting the correct configuration option, using
the external system RC oscillator requires that a resis-
tor, with a value between 24k
W and 1MW, is connected
between OSC1 and VDD, and a 470pF capacitor is con-
nected to ground. Although this is a cost effective oscil-
lator configuration, the oscillation frequency can vary
with VDD, temperature and process variations and is
therefore not suitable for applications where timing is
critical or where accurate oscillator frequencies are re-
quired. For the value of the external resistor ROSC refer
to the Appendix section for typical RC Oscillator vs.
Temperature and VDD characteristics graphics.
Note that it is the only microcontroller internal circuitry
together with the external resistor, that determine the
frequency of the oscillator. The external capacitor
shown on the diagram does not influence the frequency
of oscillation. The external capacitor is added to improve
oscillator stability, especially if the open-drain OSC2
output is utilised in the application circuit.
O S C 2
O S C 1
C 2
C 1
R 1
Crystal/Ceramic Oscillator
O S C 1
O S C 2
f S Y S / 4 N M O S O p e n D r a i n
4 7 0 p F
V D D
R O S C
RC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com