| Electronic Components Datasheet Search |
|
HT46R46E Datasheet(PDF) 47 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R46E Datasheet(HTML) 47 Page - Holtek Semiconductor Inc |
|
47 / 73 page ![]() HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E Rev. 1.20 47 August 15, 2007 Power Down Mode and Wake-up Power Down Mode All of the Holtek microcontrollers have the ability to enter a Power Down Mode, also known as the HALT Mode or Sleep Mode. When the device enters this mode, the nor- mal operating current, will be reduced to an extremely low standby current level. This occurs because when the device enters the Power Down Mode, the system oscillator is stopped which reduces the power consump- tion to extremely low levels, however, as the device maintains its present internal condition, it can be woken up at a later stage and continue running, without requir- ing a full reset. This feature is extremely important in ap- plication areas where the MCU must have its power supply constantly maintained to keep the device in a known condition but where the power supply capacity is limited such as in battery applications. Entering the Power Down Mode There is only one way for the device to enter the Power Down Mode and that is to execute the ²HALT² instruc- tion in the application program. When this instruction is executed, the following will occur: · The system oscillator will stop running and the appli- cation program will stop at the ²HALT² instruction. · The Data Memory contents and registers will maintain their present condition. · The WDT will be cleared and resume counting if the WDT clock source is selected to come from the WDT oscillator. The WDT will stop if its clock source origi- nates from the system clock. · The I/O ports will maintain their present condition. · In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO, will be cleared. Standby Current Considerations As the main reason for entering the Power Down Mode is to keep the current consumption of the MCU to as low a value as possible, perhaps only in the order of several micro-amps, there are other considerations which must also be taken into account by the circuit designer if the power consumption is to be minimized. Special atten- tion must be made to the I/O pins on the device. All high-impedance input pins must be connected to either a fixed high or low level as any floating input pins could create internal oscillations and result in increased cur- rent consumption. This also applies to devices which have different package types, as there may be undonbed pins, which must either be setup as outputs or if setup as inputs must have pull-high resistors connected. Care must also be taken with the loads, which are connected to I/O pins, which are setup as out- puts. These should be placed in a condition in which minimum current is drawn or connected only to external circuits that do not draw current, such as other CMOS inputs. Also note that additional standby current will also be required if the configuration options have enabled the Watchdog Timer internal oscillator. Wake-up After the system enters the Power Down Mode, it can be woken up from one of various sources listed as follows: · An external reset · An external falling edge on Port A · A system interrupt · A WDT overflow If the system is woken up by an external reset, the de- vice will experience a full system reset, however, if the device is woken up by a WDT overflow, a Watchdog Timer reset will be initiated. Although both of these wake-up methods will initiate a reset operation, the ac- tual source of the wake-up can be determined by exam- ining the TO and PDF flags. The PDF flag is cleared by a system power-up or executing the clear Watchdog Timer instructions and is set when executing the ²HALT² instruction. The TO flag is set if a WDT time-out occurs, and causes a wake-up that only resets the Program Counter and Stack Pointer, the other flags remain in their original status. Each pin on Port A can be setup via an individual config- uration option to permit a negative transition on the pin to wake-up the system. When a Port A pin wake-up oc- curs, the program will resume execution at the instruc- tion following the ²HALT² instruction. If the system is woken up by an interrupt, then two possi- ble situations may occur. The first is where the related interrupt is disabled or the interrupt is enabled but the stack is full, in which case the program will resume exe- cution at the instruction following the ²HALT² instruction. In this situation, the interrupt which woke-up the device will not be immediately serviced, but will rather be ser- viced later when the related interrupt is finally enabled or when a stack level becomes free. The other situation is where the related interrupt is enabled and the stack is not full, in which case the regular interrupt response takes place. If an interrupt request flag is set to ²1² be- fore entering the Power Down Mode, the wake-up func- tion of the related interrupt will be disabled. No matter what the source of the wake-up event is, once a wake-up situation occurs, a time period equal to 1024 system clock periods will be required before normal sys- tem operation resumes. However, if the wake-up has originated due to an interrupt, the actual interrupt sub- routine execution will be delayed by an additional one or more cycles. If the wake-up results in the execution of the next instruction following the ²HALT² instruction, this will be executed immediately after the 1024 system clock period delay has ended. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |