Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R46E Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E
Rev. 1.20
18
August 15, 2007
· START Condition
A start condition must be transmitted to the EEPROM
prior to transmitting the device address and before
any other address or data information is transmitted. A
start condition is implemented by a high to low transi-
tion on the SDA line with the SCL line high.
· Device Address
This must always immediately follow the transmitted
START condition and is implemented by clocking into
the EEPROM a
²1010000² 7-bit sequence. Clocking
the device address into the EEPROM is implemented
on the low to high edge of the SCL line. The data on
the SDA line must therefore be stable before the SCL
line changes from low to high. Any changes on the
SDA line when the SCL line is high could be inter-
preted as a START or STOP condition.
· R/W Bit
This follows the device address sequence and
informs the EEPROM if a read or write operation is to
be implemented. For a read operation, this bit should
be high, for a write operation the bit should be low.
· Acknowledge
After the EEPROM has successfully received any
8-bits of information, it will transmit an acknowledge
signal by pulling the SDA line low. A clock pulse for this
EEPROM generated acknowledge signal, which will
be the ninth clock pulse, must be supplied on the SCL
pin. Therefore after the 7-bit device address and the
R/W bit, which constitutes a total of 8-bits, has been
transmitted to the EEPROM, on the next clock cycle
the EEPROM will respond with an acknowledge sig-
nal. After this, the 8-bit data address information can
then be sent to the EEPROM, after which again the
EEPROM will respond with an acknowledge, on the
ninth clock pulse. Data information can then be trans-
mitted or received in a similar way.
· Data Address
Although the EEPROM internal data structure is
128
´8 bits and as such requires a 7-bit address to ac-
cess the data, however an 8-bit address must be
transmitted to the EEPROM. The address is transmit-
ted in an MSB bit first format. As the 8th bit, which will
be the MSB and the first bit to be transmitted is redun-
dant, its value can be either zero or one. Note that the
address is clocked into the EEPROM on the low to
high edge of the SCL clock line.
· STOP Condition
A stop condition must be transmitted to the EEPROM
at the end of any read or write operation to terminate
the operation. The successful reception of a stop con-
dition by the EEPROM will cause it to enter its Power
Down Mode and await the next start bit. A stop condi-
tion is implemented by a low to high transition on the
SDA line with the SCL line high.
1
0
1
0
0
0
0
S t a r t
R / W
A C K
A d d r e s s / D a t a
S t o p
D e v i c e a d d r e s s
f i x e d d a t a
R e a d = " 1 "
W r i t e = " 0 "
A c k n o w l e d g e
s i g n a l f r o m
E E P R O M
S D A
S C L
S D A p u l l e d l o w b y
E E P R O M d u r i n g
9 t h c l o c k p u l s e
A c k n o w l e d g e
S D A
S C L
S t a r t C o n d i t i o n
S D A
S C L
S t o p C o n d i t i o n
M u s t a l w a y s b e s e t
f o r a n y r e a d o r w r i t e
I n f o r m a t i o n d e p e n d s o n
t y p e o f r e a d o r w r i t e
8
9
Data Transfer Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com