Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7R995 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 9Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 12Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
4.0 ABSOLUTE MAXIMUM RATINGS:1
(Referenced to VSS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability and performance.
2. Maximum junction temperature may be increased to +175
°C during burn-in and steady-static life.
5.0 RECOMMENDED OPERATING CONDITIONS:
Symbol
Description
Limits
Units
VDD
Core Power Supply Voltage
-0.3 to 4.0
V
VDDQ1, VDDQ3, and VDDQ4
Output Bank Power Supply Voltage
-0.3 to 4.0
V
VIN
Voltage Any Input Pin
-0.3 to VDD + 0.3
V
VOUT
Voltage Any Clock Bank Output
-0.3 to VDDQn + 0.3
V
VO
Voltage on XTAL2 and LOCK Outputs
-0.3 to VDD + 0.3
V
II
DC Input Current
+10
mA
PD
Maximum Power Dissipation
1.5
W
TSTG
Storage Temperature
-65 to +150
°C
TJ
Maximum Junction Temperature 2
+150
°C
Θ
JC
Thermal Resistance, Junction to Case
15
°C/W
ESDHBM
ESD Protection (Human Body Model) - Class II
3000
V
Symbol
Description
Limits
Units
VDD
Core Operating Voltage
3.0 to 3.6
V
VDDQ1, VDDQ3, and VDDQ4
Output Bank Operating Voltage
2.25 to 3.6
V
VIN
Voltage Any Configuration and Control Input
0 to VDD
V
VOUT
Voltage Any Bank Output
0 to VDDQn
V
TC
Case Operating Temperature
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com