Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7R995 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 12Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 16Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 17Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 18Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
9.0 AC OUTPUT ELECTRICAL CHARACTERISTICS (Pre- and Post-Radiation)*
(VDD = +3.3V + 0.3V; TC = -55°C to +125°C) (For "W" screening, TC = -40°C to +125°C) (Note 1)
Symbol
Description
Condition
Min.
Max.
Unit
fOR
Output frequency range
VDDQn = +3.3V
6
200
MHz
VCOLR
VCO lock range
VDDQn = +3.3V
24
200
MHz
VCOLBW
2
VCO loop bandwidth
VDD = VDDQn = +3.3V; TC = Room Temperature
0.25
3.5
MHz
tSKEWPR
3, 8
Matched-pair skew
Skew between the earliest and the latest output transitions
within the same bank.
--
100
ps
tSKEW0
3, 8
Output-output skew
Skew between the earliest and the latest output transitions
among all outputs at 0tU.
--
200
ps
tSKEW1
3,8
Skew between the earliest and the latest output transitions
among all outputs for which the same phase delay has been
selected.
--
200
ps
tSKEW2
3
Skew between the nominal output rising edge to the
inverted output falling edge
--
500
ps
tSKEW3
3
Skew between non-inverted outputs running at different
frequencies.
--
500
ps
tSKEW4
3
Skew between nominal to inverted outputs running at
different frequencies.
--
600
ps
tSKEW5
3
Skew between nominal outputs at different power supply
levels.
--
650
ps
tPART
8
Part-part skew
Skew between the outputs of any two devices under
identical settings and conditions (VDDQn, VDD, temp, air
flow, frequency, etc).
--
450
ps
tPD0
4, 8
XTAL1 to FB
propagation delay
VDD = VDDQn = +3.3V; TC = Room Temperature
-250
+250
ps
tODCV
8
Output duty cycle
fout < 100 MHz, measured at VDD÷2
48
52
%
fout > 100 MHz, measured at VDD÷2
45
55
%
tPWH
Output high time
deviation from 50%
Measured at 2.0V; VDDQn = +3.3V
--
1.5
ns
tPWL
Output low time
deviation from 50%
Measured at 0.8V; VDDQn = +3.3V
--
2.0
ns
tORISE
8
&
tOFALL
Output rise/fall time
Measured as transition time between
VOH = +1.7V and VOL = +0.7V
for VDD = 3.0V; VDDQn = +2.25V;
CL = 40pF
PE/HD = HIGH
0.30
1.5
ns
PE/HD = MID
0.25
1.25
ns
Measured as transition time between
VOH = +2.0V and VOL = +0.8V
for VDD = 3.6V; VDDQn = +3.3V;
CL = 40pF
PE/HD = HIGH
0.20
1.25
ns
PE/HD = MID
0.10
1.0
ns
tLOCK
5
PLL lock time
--
0.5
ms
tLOCKRES
2, 6
LOCK Pin Resolution
FS = LOW
1.6ns + 200ps typ.
ns
FS = MID
1.6ns + 200ps typ.
ns
FS = HIGH
800ps + 100ps typ.
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com