Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7R995 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT7R995
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT7R995 Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 12Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 16Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 17Page - Aeroflex Circuit Technology UT7R995 Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
8.0 AC INPUT ELECTRICAL CHARACTERISTICS (Pre- and Post-Radiation)*
(VDD = VDDQn = +3.3V + 0.3V; TC = -55°C to +125°C) (Note 1)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019.
1. Reference Figure 11 for clock output loading circuit that is equivalent to the load circuit used for all AC testing. The input waveform used to test these parameters
is shown in Figure 9.
2. Supplied only as a design guideline, neither tested nor guaranteed.
3. When driving the UT7R995C with a crystal, the XTAL1 pin does not define maximum input rise/fall time.
4. Although the input reference frequencies are defined as-low-as 2MHz, the N and R dividers must be selected to ensure the PLL operates from 24MHz-50MHz when
FS = LOW, 48MHz-100MHz when FS = MID, and 96MHz-200MHz when FS = HIGH.
5. The UT7R995C is guaranteed by characterization for quartz crystal frequencies ranging from 2MHz to 48MHz. Contact the factory for support using quartz crystals
that oscillate above 48MHz.
6. For the UT7R995C only, this parameter is guaranteed by characterization, but not tested.
7. For the UT7R995C only, this parameter is guaranteed by characterization, but only tested for frequencies <100 MHz.
Symbol
Description
Condition
Min.
Max.
Unit
tR, tF
2, 3
Input rise/fall time
VIH(min)-VIL(max)
--
20
ns/V
tPWC
6
Input clock pulse
HIGH or LOW
2
--
ns
tXTAL
7
Input clock period
1÷FXTAL
5
500
ns
tDCIN
6
Input clock duty cycle
HIGH or LOW
10
90
%
fXTAL
4, 5, 7
Digital reference input frequency
FS = LOW; PD/DIV = HIGH
2
50
MHz
FS = LOW; PD/DIV = MID
4
100
MHz
FS = MID; PD/DIV = HIGH
4
100
MHz
FS = MID; PD/DIV = MID
8
200
MHz
FS = HIGH; PD/DIV = HIGH
8
200
MHz
FS = HIGH; PD/DIV = MID
16
200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com