| Electronic Components Datasheet Search |
|
HT48C062 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48C062 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 31 page ![]() HT48R062/HT48C062 Rev. 1.11 4 October 30, 2006 Functional Description Execution Flow The HT48R062/HT48C062 system clock can be derived from a crystal/ceramic resonator oscillator or an RC. It is internally divided into four non-overlapping clocks. One instruction cycle consists of four system clock cycles. Instruction fetching and execution are pipelined in such a way that a fetch takes an instruction cycle while de- coding and execution takes the next instruction cycle. However, the pipelining scheme causes each instruc- tion to effectively execute in a cycle. If an instruction changes the program counter, two cycles are required to complete the instruction. Program Counter - PC The 10-bit program counter (PC) controls the sequence in which the instructions stored in program ROM are ex- ecuted and its contents specify a maximum of 1024 ad- dresses. After accessing a program memory word to fetch an in- struction code, the contents of the program counter are incremented by one. The program counter then points to the memory word containing the next instruction code. When executing a jump instruction, conditional skip ex- ecution, loading PCL register, subroutine call, initial re- set or return from subroutine, the PC manipulates the program transfer by loading the address corresponding to each instruction. The conditional skip is activated by instruction. Once the condition is met, the next instruction, fetched during the current instruction execution, is discarded and a dummy cycle replaces it to get the proper instruction. Otherwise proceed with the next instruction. The lower byte of the program counter (PCL) is a read- able and writeable register (06H). Moving data into the PCL performs a short jump. The destination will be within 256 locations. When a control transfer takes place, an additional dummy cycle is required. T 1 T 2 T 3 T 4 T 1 T 2 T 3 T 4 T 1 T 2 T 3 T 4 F e t c h I N S T ( P C ) E x e c u t e I N S T ( P C - 1 ) F e t c h I N S T ( P C + 1 ) E x e c u t e I N S T ( P C ) F e t c h I N S T ( P C + 2 ) E x e c u t e I N S T ( P C + 1 ) P C P C + 1 P C + 2 S y s t e m C l o c k I n s t r u c t i o n C y c l e P C Execution Flow Mode Program Counter *9 *8 *7 *6 *5 *4 *3 *2 *1 *0 Initial Reset 0000000000 Skip Program Counter+2 Loading PCL *9 *8 @7 @6 @5 @4 @3 @2 @1 @0 Jump, Call Branch #9 #8 #7 #6 #5 #4 #3 #2 #1 #0 Return from Subroutine S9 S8 S7 S6 S5 S4 S3 S2 S1 S0 Program Counter Note: *9~*0: Program counter bits S9~S0: Stack register bits #9~#0: Instruction code bits @7~@0: PCL bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |