Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3003IMLTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SH3003IMLTR
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003IMLTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SH3003IMLTR Datasheet HTML 5Page - Semtech Corporation SH3003IMLTR Datasheet HTML 6Page - Semtech Corporation SH3003IMLTR Datasheet HTML 7Page - Semtech Corporation SH3003IMLTR Datasheet HTML 8Page - Semtech Corporation SH3003IMLTR Datasheet HTML 9Page - Semtech Corporation SH3003IMLTR Datasheet HTML 10Page - Semtech Corporation SH3003IMLTR Datasheet HTML 11Page - Semtech Corporation SH3003IMLTR Datasheet HTML 12Page - Semtech Corporation SH3003IMLTR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
9
SH3003
POWER MANAGEMENT
Application Information
The SH3003 is a single-chip support system for
microcontrollers, microprocessors, DSPs and ASICs. It
consists of four major functional blocks, each block having
numerous enhancements over alternative solutions.
The major modules are the CPU Supervisor, the Clock
Management System, the Real-Time Support, and the
Auxiliary functions.
The entire chip is controlled by the set of internal registers
and accessed via the single-pin serial interface. All of
the settings, configuration, and calibration or operating
parameters are programmable and re-programmable
at any time. All of the parameters required for stand-
alone operations are initialized on reset from the built-
in factory-programmed nonvolatile memory. This allows
the SH3003 to operate autonomously for most of its
supervisory functions. The stand-alone operations do
not require the use of the serial interface or any of the
initialization and control operation, but without these, the
full potential benefit of the SH3003 may not be realized.
In the preferred configuration, where the SH3003 is
tightly coupled to the target micro, the SH3003 offers
an unprecedented level of design flexibility in clock and
power usage management.
The SH3003 is a particularly desirable integration because
the built-in features interact and meld to produce more
useful system level functions.
For example, on power-up, the SH3003 can quickly release
the reset lines on its CPU Supervisor module because
the clock signal from the Clock Management System is
guaranteed to be running and stabilized. An ordinary
reset circuit must hold reset active for a long time to allow
an unknown crystal to start up and stabilize.
The SH3003 offers several ways to minimize system
power consumption, such as allowing the target processor
to enter deep sleep by stopping its clock completely,
and to wake up as often as necessary with no external
support. The clock can be programmed to start up at a
given frequency, and software can adjust it dynamically
to manage power consumption and different operating
modes.
Users should consider the interactions of the major
functional blocks to gain the maximum advantage
from the SH3003. The individual functional blocks are
described in the following sections.
Default Start-Up Parameters
While the operating parameters of the SH3003 are
programmable by the host microcontroller at any
time, the default start-up parameters and appropriate
calibration values are programmed into the chip’s non-
volatile memory at the factory. This enables the SH3003
to be used stand-alone or in an embedded application
with minimal microprocessor intervention.
Default start-up parameters for the SH3003 are:
Reset and VBO voltage level is 2.3V
CLKOUT frequency is 16.0MHz
CLK32 output is disabled
Spread spectrum is disabled
Internal RC oscillator is calibrated (to nominal
frequency of 32768Hz
Internal load capacitors on the 32.768kHz crystal
oscillator pins are set to 12.5pF.
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com