Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3003IMLTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SH3003IMLTR
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003IMLTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SH3003IMLTR Datasheet HTML 7Page - Semtech Corporation SH3003IMLTR Datasheet HTML 8Page - Semtech Corporation SH3003IMLTR Datasheet HTML 9Page - Semtech Corporation SH3003IMLTR Datasheet HTML 10Page - Semtech Corporation SH3003IMLTR Datasheet HTML 11Page - Semtech Corporation SH3003IMLTR Datasheet HTML 12Page - Semtech Corporation SH3003IMLTR Datasheet HTML 13Page - Semtech Corporation SH3003IMLTR Datasheet HTML 14Page - Semtech Corporation SH3003IMLTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
11
SH3003
POWER MANAGEMENT
On power up both the active-high and active-low reset sig-
nals are driven active. These outputs are typically valid for
a VDD level of at least 0.5V, and guaranteed to be valid for
a VDD level of 1.0V.
The reset outputs remain active until VDD rises and stays
above the level of (VBO + VHYST), where VHYST is a small
fixed amount of hysteresis, nominally 50mV, added to pre-
vent nuisance reset activations (when VDD slowly changes
near the level of VBO and some noise or power glitching is
present).
At the level of (VBO + VHYST) the power supply is consid-
ered valid. In case of the initial power-up, the reset is then
driven inactive once 6ms of valid power have elapsed. In
the case of brownout, the reset is released after a de-
lay of 6ms (but no less than 12ms from the beginning of
the brownout). Such a fast reset is possible because the
SH3003 provides a fast-starting clock that is free of crys-
tal start-up time requirements. This gives the SH3003 an
advantage over most external reset circuits, which must
have a long reset pulse duration to accommodate long
and unpredictable crystal start-up times.
The SH3003 guarantees that a valid and stable clock is
available 2ms before the reset signals are negated, so
that internal synchronous reset and initialization of the
target micro can proceed normally.
Application Information (continued)
Low VDD Reset (continued)
Since the clock is only active for the last 1 or 2ms of the
reset interval, when VDD has already been valid for some
time, energy savings are realized and the start-up of the
whole system is made easier. The commonly used reset
approach forces the processor to turn the oscillator on
and to run at full speed (thus consuming full power) dur-
ing the critical time when the (possibly depleted) battery is
trying to raise VDD to an acceptable level. In contrast, the
SH3003 allows the power source to charge the bypass
capacitors and raise the level of VDD with little additional
load. Only when power has stabilized is the target micro
permitted to start expending energy.
When a brownout event occurs, the SH3003 continues to
provide the clock to the target processor, but at a reduced
frequency between 500kHz and 1.0MHz. After a delay of
2ms this clock is stopped, automatically lowering the en-
ergy consumption of the whole system, (see Figure 2).
A Noise Filter (see Figure 1, Page 10) prevents reset ac-
tivations from noise and small power glitches on the VDD
line. A typical behavior is shown in Figure 3 for the VDD
level just above VBO and various amplitudes and durations
of the negative-going spikes.
When VDD is falling, both reset lines are guaranteed to
activate within 5μs from the time VBO is crossed over.
VDD
RST
N
RST
CLKOUT
Figure 2. Operations of low VDD / Brownout Detector
1V
VBO
VBO +VHYST
3-5 ms
12 ms minimum
2 ms
2 ms
1 ms
Undefined
Normal
FOUT
Reduced FOUT
0.5-1.0 MHz
6 ms
0
5
10
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
Amplitude, V
Guaranteed NO reset
Guaranteed reset
Duration
Figure 3. Response to negative voltage spikes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com