Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3003IMLTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SH3003IMLTR
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003IMLTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SH3003IMLTR Datasheet HTML 6Page - Semtech Corporation SH3003IMLTR Datasheet HTML 7Page - Semtech Corporation SH3003IMLTR Datasheet HTML 8Page - Semtech Corporation SH3003IMLTR Datasheet HTML 9Page - Semtech Corporation SH3003IMLTR Datasheet HTML 10Page - Semtech Corporation SH3003IMLTR Datasheet HTML 11Page - Semtech Corporation SH3003IMLTR Datasheet HTML 12Page - Semtech Corporation SH3003IMLTR Datasheet HTML 13Page - Semtech Corporation SH3003IMLTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
©2006 Semtech Corp.
SH3003
www.semtech.com
Not authorized for release outside of Semtech
- DRAFT
POWER MANAGEMENT
Parameter
Min
Typ
Max
Units
VBO for min code
(000000)
2.27
2.3
2.33
V
VBO for max code
(111111)
4.2
4.3
4.4
V
Step resolution
33
mV
Application Information (continued)
CPU Supervisor
The SH3003 has two supervisory functions that man-
age the reset of the target processor, a low VDD monitor
(Brownout Detector) and a Watchdog Timer, see Figure 1.
Both functions are integrated with the Clock Management
System to provide a more complete system solution than
stand-alone components.
The SH3003 has both active high and active low reset
output pins. Both are driven strong to the active state and
weak to the inactive state. This eliminates the need for ex-
ternal pull-ups and allows various reset sources to be con-
nected together in a wire-OR configuration. (This makes it
simple to set up a manual reset circuit.)
A set of flags in the register map indicates the source of
the reset to the system software.
Table 1
Low VDD Reset
The SH3003 drives the reset pins active whenever VDD is
below the value of VBO, the brownout reset threshold, pro-
grammable from 2.3V to 4.3V in average steps of 33mV,
see Table 1.
The default VBO value is loaded on power-up from the fac-
tory-programmed non-volatile memory. It can be re-pro-
grammed at any time or it can be permanently protected
from any changes by setting the VBO Lock flag or a write-
protect flag.
Figure 1. CPU Supervisor --- Low VDD / Brownout Detector, Watchdog, Reset logic & Drivers
Noise Filter
3
VDD
VHIGH
VLOW
Threshold
D/A
4.40 V
2.30 V
Hysteresis
50mV TYP.
Reset Logic
&
Minimum
Duration Timer
PWROK
Temperature-
compensated
Voltage
Reference
10
N
RST
11
RST
VDD
20K
20K
UNDERFLOW 1
0
32kHz
256
32 kHz
CLKOUT
7-bit Down Counter
128
Mode
6-bit Value
7-bit Watchdog
Timeout Value
Watchdog
Reload Control
Alternating Codes
Logic
0x5A / 0xC3
Load
From / To
Serial I/O
Write-once
Initialization Logic
Lock Logic
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com