Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC191 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC191
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC191 Datasheet HTML 2Page - Semtech Corporation SC191 Datasheet HTML 3Page - Semtech Corporation SC191 Datasheet HTML 4Page - Semtech Corporation SC191 Datasheet HTML 5Page - Semtech Corporation SC191 Datasheet HTML 6Page - Semtech Corporation SC191 Datasheet HTML 7Page - Semtech Corporation SC191 Datasheet HTML 8Page - Semtech Corporation SC191 Datasheet HTML 9Page - Semtech Corporation SC191 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC191
SC191 Detailed Description
The SC191 is a step-down, pulse-width-modulated (PWM)
DC-DC converter with a Low Dropout (LDO) pre-regulator.
The device has an internal synchronous rectifier and does
not require a Schottky diode on the LX pin. The device is
designed to operate as a buck converter in PWM mode
with a fixed-frequency of 1MHz. The SC191 operates as
a fixed frequency current mode regulator with the input
supply for the switching regulator pre-regulated by a front-
end LDO regulator. This technique reduces the supply
voltage ripple from 10mV, typically seen from a switching
converter, to less than 1mV for the SC191. The supply to
the switcher is regulated to the supply voltage minus ap-
proximately 300mV. Current feedback for the switching
regulator is through the PMOS current path, and it is am-
plified and summed with the internal slope compensation
network and level shifted. The voltage feedback loop is
through an internal feedback divider.
The on-time is determined by comparing the summed cur-
rent feedback and the output of the error amplifier. The
period is set by the onboard oscillator.
Efficiency at moderate to high loads can be improved by
shorting the VIN and BP pins together. This bypasses the
front-end LDO, reducing voltage drop and improving effi-
ciency at the expense of increasing input supply ripple.
Protection Features
The SC191 provides the following protection features:
• Thermal Shutdown
• Current Limit
• Over-Voltage Protection
• Soft-Start
Thermal Shutdown
The thermal shutdown feature protects the device from
exceeding a junction temperature of 150°C. In thermal
shutdown the PWM drive is disabled, the LX output is tri-
stated, and the front-end LDO is disabled. The device will
not be enabled again until the temperature reduces by
10°C. If during this time the output falls by greater than
60% of its regulation voltage, a soft-start will be invoked.
Current Limit
The part has a number of current limit functions. The
front-end LDO regulator has a current limit set at ap-
proximately 500mA, which will protect it in the event of a
pulsed short circuit. The PMOS and NMOS power devices
of the buck switcher stage are also protected by current
limit functions. In the case of a short to ground on the
output, the part enters frequency foldback mode which
causes the switching frequency to divide by a factor deter-
mined by the output voltage, which prevents the inductor
current from “stair stepping”.
Over-Voltage Protection
Over-voltage protection is provided on the SC191. In the
event of an over-voltage on the output, the PWM drive is
disabled, tri-stating the LX output and disabling the front-
end LDO.
Soft-Start
The soft-start mode is enabled after every shutdown cycle
to limit in-rush current. In conjunction with the frequency
foldback this controls the maximum current during start-
up. The switcher’s PMOS current limit is stepped from
25%, to 50%, to 75%, and then 100% of its typical value
by a timer driven by the internal oscillator. The oscillator
frequency is stepped by 1/8, 1/4, 1/2 and 1 under the
control of 4 output voltage thresholds. As soon as the
part reaches regulation, soft start mode is disabled.
Output Filter
The SC191 series of synchronous step-down converters
have internal loop compensation. The internal compen-
sation is designed to work with a certain output filter cor-
ner frequency defined by the equation:
1
f
C = —————
2 √ L×C
———
The internal compensation is optimized to operate with
an output filter, L = 4.7μH and C
OUT = 10μF. When select-
ing output filter components the LC product should not
vary over a wide range.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com