Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC191 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC191
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191 Datasheet(HTML) 1 Page - Semtech Corporation

  SC191 Datasheet HTML 1Page - Semtech Corporation SC191 Datasheet HTML 2Page - Semtech Corporation SC191 Datasheet HTML 3Page - Semtech Corporation SC191 Datasheet HTML 4Page - Semtech Corporation SC191 Datasheet HTML 5Page - Semtech Corporation SC191 Datasheet HTML 6Page - Semtech Corporation SC191 Datasheet HTML 7Page - Semtech Corporation SC191 Datasheet HTML 8Page - Semtech Corporation SC191 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC191
Low Supply Ripple Synchronous
Buck Conversion Regulator
April 12, 2006
Description
Features
Features
Typical Application Circuit
Applications
The SC191 is a synchronous step-down converter with
integrated power devices and an integrated front-end
LDO regulator to minimize input supply ripple. If supply
ripple is not a concern, the front-end LDO regulator can be
bypassed externally to maximize efficiency.
The internal MOSFET switches provide peak current greater
than 550mA to achieve a DC output of at least 330mA over
the rated input voltage range, making the SC191 ideal for
single-cell Li-ion battery applications as well as fixed 3.3V
and 5V fixed input applications. The output is a fixed 1.2V
- ideal for low-voltage microprocessors. Other voltage
options are available (consult the factory for details).
Additional features include internal soft-start to limit in-
rush current, over-current protection, over-temperature
protection, and over-voltage protection.
The 1MHz switching frequency allows the use of small
surface mount capacitors and inductors, and no other
external compensation components are needed. The
device is available in a low profile (0.8mm max height)
2.3mm x 2.3mm MLPD 8-lead package, minimizing area
without compromising performance.
Less than 1mV Supply Ripple
2.7V to 5.5V Input Range
330mA Guaranteed Output Current
Fixed Frequency 1MHz Operation
No Schottky Diode Required
Over-Current Protection
Over-Voltage Protection
Over-Temperature Protection
Soft-Start
No External Compensation Required
MLPD-8, 2.3mm x 2.3mm Package
WEEE and RoHS Compliant
Cell Phones
Cordless Phones
Notebook and Subnotebook Computers
PDAs and Mobile Communicators
WLAN Peripherals
Wireless Modules
1 Li-Ion or 3 NiMH/NiCd Powered Devices
SC191
L
4.7μH
CIN
4.7μF
VIN
VOUT
BP
GND
LX
PVIN
PGND
CBP
4.7μF
EN
VOUT
COUT
4.7μF
VIN
1
5
8
6
3
4
2
7
Patent Pending


Similar Part No. - SC191

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC19-1 ETC2-SC19-1 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
Synchronous Buck Converter with Programmable Output
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
Reduces System Power Consumption and OPEX
Rev 1; 4/19
SC1905A-00A00 MAXIM-SC1905A-00A00 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
More results

Similar Description - SC191

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
logo
National Semiconductor ...
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
2.5A Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com