Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC191 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC191
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC191 Datasheet HTML 5Page - Semtech Corporation SC191 Datasheet HTML 6Page - Semtech Corporation SC191 Datasheet HTML 7Page - Semtech Corporation SC191 Datasheet HTML 8Page - Semtech Corporation SC191 Datasheet HTML 9Page - Semtech Corporation SC191 Datasheet HTML 10Page - Semtech Corporation SC191 Datasheet HTML 11Page - Semtech Corporation SC191 Datasheet HTML 12Page - Semtech Corporation SC191 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC191
0
100
200
300
400
500
600
-60
-40
-20
0
20
40
60
80
100
120
140
0.965
0.97
0.975
0.98
0.985
0.99
0.995
1
1.005
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1
1.5
2
2.5
3
3.5
4
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
50
100
150
200
250
300
350
400
-60
-40
-20
0
20
40
60
80
100
120
140
P-Channel R
DSON vs. Temperature
N-Channel R
DSON vs. Temperature
Load Transient Response
V
IN=3.6V, VOUT=1.2V
V
OUT
100mV/DIV
I
OUT
33 to 330mA
200μs/Div
Quiescent Current vs. Input Voltage
V
IN (V)
Switching Frequency vs. Input Voltage
Start-Up
T
J (°C)
T
J (°C)
200μs/Div
V
OUT
500mV/DIV
ENABLE
5V/DIV
V
IN=3.6V, IOUT=300mA
V
IN (V)
T
J=85
o
C
T
J=25
o
C
T
J=-40
o
C
Typical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com