Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC614 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 4Page - Semtech Corporation SC614 Datasheet HTML 5Page - Semtech Corporation SC614 Datasheet HTML 6Page - Semtech Corporation SC614 Datasheet HTML 7Page - Semtech Corporation SC614 Datasheet HTML 8Page - Semtech Corporation SC614 Datasheet HTML 9Page - Semtech Corporation SC614 Datasheet HTML 10Page - Semtech Corporation SC614 Datasheet HTML 11Page - Semtech Corporation SC614 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
8
Register Map
Note: all registers are readable and writable.
Definition Of Terms:
0: Leave this bit as a 0.
xEN: On/off control for individual current sinks. Set to 1 to enable, clear to 0 to disable.
FLMODE: Flash Mode control bit. Set to 1 for Flash mode, clear to 0 for normal mode.
SLEEP: Sleep Mode control bit. Set to 1 to put into low current mode (Bandgap, UVLO monitor and interface
monitoring stay on, all other circuitry shut down),
clear to 0 for normal mode.
SWRES: Software Reset bit. Set to 1 to reset all registers (SWRES clears automatically and does not require an
additional I2C write).
FSEL: Frequency Select bit. Allows the choice between two different switching frequencies, set to 1 for 1.33MHz,
clear to 0 for 250kHz.
s
s
e
r
d
d
A7
D6
D5
D4
D3
D2
D1
D0
Dt
e
s
e
R
e
u
l
a
V
n
o
i
t
p
i
r
c
s
e
D
0
0
x
0
0N
E
1
L
F
/
3
SN
E
2
L
F
/
2
SN
E
3
L
F
/
1
SN
E
4
MN
E
3
MN
E
2
MN
E
1
M0
0
x
0ff
O
/
n
O
D
E
L
l
o
r
t
n
o
c
1
0
x
0
0
A
m
2
3
=
0
5
x
0
,
F
F
O
=
0
0
x
0
,t
i
b
/
A
m
4
.
0
,
g
n
it
t
e
s
t
n
e
r
r
u
c
ti
b
-
7
0
0
x
0t
n
e
r
r
u
c
1
M
l
o
r
t
n
o
c
2
0
x
0
0
A
m
2
3
=
0
5
x
0
,
F
F
O
=
0
0
x
0
,t
i
b
/
A
m
4
.
0
,
g
n
it
t
e
s
t
n
e
r
r
u
c
ti
b
-
7
0
0
x
0t
n
e
r
r
u
c
2
M
l
o
r
t
n
o
c
3
0
x
0
0
A
m
2
3
=
0
5
x
0
,
F
F
O
=
0
0
x
0
,t
i
b
/
A
m
4
.
0
,
g
n
it
t
e
s
t
n
e
r
r
u
c
ti
b
-
7
0
0
x
0t
n
e
r
r
u
c
3
M
l
o
r
t
n
o
c
4
0
x
0
0
A
m
2
3
=
0
5
x
0
,
F
F
O
=
0
0
x
0
,t
i
b
/
A
m
4
.
0
,
g
n
it
t
e
s
t
n
e
r
r
u
c
ti
b
-
7
0
0
x
0t
n
e
r
r
u
c
4
M
l
o
r
t
n
o
c
5
0
x
0
A
m
2
0
1
=
F
F
x
0
,
F
F
O
=
0
0
x
0
,t
i
b
/
A
m
4
.
0
,
g
n
it
t
e
s
t
n
e
r
r
u
c
ti
b
-
8
0
0
x
03
L
F
/
1
S
l
o
r
t
n
o
c
t
n
e
r
r
u
c
6
0
x
0
A
m
2
0
1
=
F
F
x
0
,
F
F
O
=
0
0
x
0
,t
i
b
/
A
m
4
.
0
,
g
n
it
t
e
s
t
n
e
r
r
u
c
ti
b
-
8
0
0
x
02
L
F
/
2
S
l
o
r
t
n
o
c
t
n
e
r
r
u
c
7
0
x
0
A
m
2
0
1
=
F
F
x
0
,
F
F
O
=
0
0
x
0
,t
i
b
/
A
m
4
.
0
,
g
n
it
t
e
s
t
n
e
r
r
u
c
ti
b
-
8
0
0
x
01
L
F
/
3
S
l
o
r
t
n
o
c
t
n
e
r
r
u
c
8
0
x
0
0E
D
O
M
L
FP
E
E
L
SS
E
R
W
SL
E
S
F1
L
F0
L
F0
0
2
x
0l
o
r
t
n
o
C
r
e
t
s
i
g
e
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com