Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC614 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 6Page - Semtech Corporation SC614 Datasheet HTML 7Page - Semtech Corporation SC614 Datasheet HTML 8Page - Semtech Corporation SC614 Datasheet HTML 9Page - Semtech Corporation SC614 Datasheet HTML 10Page - Semtech Corporation SC614 Datasheet HTML 11Page - Semtech Corporation SC614 Datasheet HTML 12Page - Semtech Corporation SC614 Datasheet HTML 13Page - Semtech Corporation SC614 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
10
State Diagrams
When the SC614 is first enabled, it starts up in Sleep Mode, with the registers at their reset values and the charge
pump off. The bandgap reference will be operating, the input voltage will be monitored for UVLO and the serial
interface will be monitored for any activity. This is the lowest power state for the device where it can be
communicated with. In order to activate the charge pump it is necessary to clear the Sleep bit to 0 to enter Run
Mode. When in Run Mode the charge pump is activated in 1x mode with VOUT = 1.5V, and all of the optional
functions of the device may be accessed.
Shutdown
Sleep Mode
( SLEEP = 1 )
Power Off
VIN high ,
EN
low
EN
= High
VIN , EN high
Run Mode
( SLEEP = 0)
SLEEP = 0
Lowest Power State. All internal
functions powered down
Bandgap up, UVLO and serial
interface monitoring active only
Bandgap up, UVLO and serial
interface monitoring active,
charge pump running with
VOUT = 1.5V
Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com