Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC614 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 7Page - Semtech Corporation SC614 Datasheet HTML 8Page - Semtech Corporation SC614 Datasheet HTML 9Page - Semtech Corporation SC614 Datasheet HTML 10Page - Semtech Corporation SC614 Datasheet HTML 11Page - Semtech Corporation SC614 Datasheet HTML 12Page - Semtech Corporation SC614 Datasheet HTML 13Page - Semtech Corporation SC614 Datasheet HTML 14Page - Semtech Corporation SC614 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
11
POWER MANAGEMENT
State Diagrams (Cont.)
Power Management
Sleep Mode
(Register
contents stored)
Shutdown
(EN low)
Sleep Mode
(Register
contents reset)
SLEEP = 1 from any Run Mode
SWRST = 1 from any Run Mode
EN low from any mode
SLEEP = 0
Return to
previous Mode
SLEEP = 0
Run Mode
There are three options for powering down the SC614 (other than writing 0x00 to each Current Control Register or
the LED On/Off Control Register):
Sleep Mode (SLEEP = 1)
Setting this bit to 1 at any time will power down the charge pump. The register contents will be stored, the bandgap
reference will remain active, and UVLO and serial interface monitoring will continue. Clearing this bit will resume
operation as before.
Sleep Mode from Reset (SWRES = 1)
Setting SWRES to 1 will reset all registers (clearing the SWRES bit), causing the part to enter Sleep Mode but with
all registers at their reset values (0x00 for registers 0x00 through 0x07, 0x20 for Control Register 0x08 (SLEEP =
1). Upon clearing the SLEEP bit, the SC614 will enter run mode and will require writing to the registers to commence
driving LEDs.
Shutdown (EN low)
All internal functions are powered down. Pulling EN high will enter Sleep Mode with all registers reset.
Device Operation With All LEDs Disabled
If the SC614 is driving LEDs and then all LEDs are disabled, the device reverts to 1x mode with a nominal output
voltage of 3V. This decreases the response time when the LEDs are enabled once more. Quiescent current in this
mode will be 700μA (nom).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com