Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC194B Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 4 Page - Semtech Corporation

  SC194B Datasheet HTML 1Page - Semtech Corporation SC194B Datasheet HTML 2Page - Semtech Corporation SC194B Datasheet HTML 3Page - Semtech Corporation SC194B Datasheet HTML 4Page - Semtech Corporation SC194B Datasheet HTML 5Page - Semtech Corporation SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Pin Configuration
Ordering Information
Programmable Output Voltage
Notes:
1) Lead-free packaging only. This product is fully WEEE and RoHS compliant.
2) Available in tape and reel only. A reel contains 3000 devices.
VID1
VID0
SC194B V
OUT
0
0
2.5V
0
1
3.0V
1
0
3.3V
1
1
3.6V
DEVICE
PACKAGE
SC194BMLTRT(1)(2)
MLP 3x3-10
SC194BEVB
Evaluation Board
Ordering Information
TOP VIEW
1
2
3
4
10
9
8
7
56
MLP10: 3X3 10 LEAD
VIN
MODE
SYNC/PWM
EN
VOUT
LX
PGND
GND
VID1
VID0
T
Marking Information
194B
yyww
xxxx
yy = two digit year of manufacture
ww = two digit week of manufacture
xxxx = lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com