Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC194B Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC194B Datasheet HTML 4Page - Semtech Corporation SC194B Datasheet HTML 5Page - Semtech Corporation SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation SC194B Datasheet HTML 10Page - Semtech Corporation SC194B Datasheet HTML 11Page - Semtech Corporation SC194B Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Applications Information (Cont.)
In PSAVE mode V
OUT is driven from a lower level to an
upper level by a switching burst. Once the upper level has
been reached the switching is stopped and the quiescent
current is reduced. V
OUT falls from the upper to lower levels
in this low current state as the load current discharges
the output capacitor. The burst-to-off period in PSAVE will
decrease as the load current reduces.
The PSAVE switching burst frequency is controlled so
that the inductor current ripple is similar to that in PWM
mode.
The SC194B automatically detects when to exit PSAVE
mode by monitoring V
OUT. For the SC194B to exit PSAVE
mode, the load must be increased, causing V
OUT to
decrease until the power save exit threshold is reached.
PSAVE levels are set high to minimize the undershoot
when exiting PSAVE. The lower PSAVE comparator level
is set +0.7% above V
OUT, and the upper comparator level
at +1.5% above V
OUT, with the exit threshold at -2% below
V
OUT.
If PSAVE operation is required then a 22μF output
capacitor must be used.
100% Duty Cycle Operation
The 100% duty cycle mode may be selected by connecting
the MODE pin high. This will allow the SC194B to maintain
output regulation under low input voltage/high output
voltage conditions.
In 100% duty cycle operation, as the input supply drops
toward the output voltage, the PMOS on-time increases
linearly above the maximum value in fixed-frequency
operation until the PMOS is active continuously. Once
the PMOS is switched on continuously, the output voltage
tracks the input voltage minus the voltage drop across
the PMOS power device and inductor according to the
following relationship:
where,
V
OUT
= Output voltage
V
IN
= Input voltage
I
OUT
= Output current
R
DSP
= PMOS switch ON resistance
R
IND
= Series resistance of the inductor
Inductor Selection
The SC194B is designed for use with a 4.7μH inductor.
The magnitude of the inductor current ripple is dependent
on the inductor value and can be determined by the
following equation:
IN
OUT
osc
OUT
L
V
V
f
L
V
I
1
This equation demonstrates the relationship between
input voltage, output voltage, and inductor ripple
current.
The inductor should have a low DCR to minimize the
conduction losses and maximize efficiency.
As a
minimum requirement, the DC current rating of the
inductor should be equal to the maximum load current
plus half of the inductor current ripple as shown by the
following equation:
2
I
I
I
L
L(PK)
UT(MAX)
O
)
R
(R
I
V
V
IND
DSP
OUT
IN
OUT
)
R
(R
I
V
V
IND
DSP
OUT
IN
OUT
VOUT
0.7%
1.5%
PSAVE Mode at Light Load
PWM Mode at Medium/
High Load
-2%
BURST
OFF
Higher Load
Applied
0 A
Inductor Current
Time
Power Save Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com