Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC194B Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC194B
Description  Selectable 3.6V/3.3V/3.0V/2.5V 1A Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC194B Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC194B Datasheet HTML 3Page - Semtech Corporation SC194B Datasheet HTML 4Page - Semtech Corporation SC194B Datasheet HTML 5Page - Semtech Corporation SC194B Datasheet HTML 6Page - Semtech Corporation SC194B Datasheet HTML 7Page - Semtech Corporation SC194B Datasheet HTML 8Page - Semtech Corporation SC194B Datasheet HTML 9Page - Semtech Corporation SC194B Datasheet HTML 10Page - Semtech Corporation SC194B Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
SC194B
POWER MANAGEMENT
Applications Information
SC194B Detailed Description
The SC194B is a synchronous step-down Pulse Width
Modulated (PWM), DC-DC converter utilizing a 1MHz
fixed-frequency current mode architecture. The device is
designed to operate in fixed-frequency PWM mode across
the full load range and can enter power save mode (PSAVE)
utilizing Pulse Frequency Modulation (PFM) at light loads
to maximize efficiency.
Operation
During normal operation the PMOS MOSFET is activated
on each rising edge of the internal oscillator. Current
feedback for the switching regulator is through the
PMOS current path, and it is amplified and summed with
the internal slope compensation network. The voltage
feedback loop uses an internal feedback divider. The on-
time is determined by comparing the summed current
feedback and the output of the error amplifier. The period
is set by the onboard oscillator or by an external clock
attached to the SYNC/PWM pin.
The SC194B has an internal synchronous NMOS rectifier
and does not require a Schottky diode on the LX pin.
Programmable Output Voltage
The SC194B has four pre-determined output voltage
values which can be individually selected by the
correct programming of the VID0 and VID1 pins (see
Programmable Output Voltage table on Page 4). This
eliminates the need for external programming resistors
saving PCB area and inventory. The VID pins can be
statically tied to GND or VIN for fixed output configurations
or they may be driven by a microprocessor enabling
the possibility of dynamic voltage adjustment for host
equipment "sleep" states.
Oscillator Synchronization Opotions
The SC194B is designed to operate in continuous
conduction, fixed-frequency mode. When the SYNC/PWM
pin is tied high the part runs in PWM mode using the
internal oscillator. The part can be synchronized to an
external clock by driving a clock signal into the SYNC/
PWM pin. The part synchronizes to the rising edge of the
clock.
Protection Features
The SC194B provides the following protection features:
Thermal shutdown
Current limit
•
•
Over-voltage protection
Soft-start
Thermal Shutdown
The device has a thermal shutdown feature to protect the
SC194B if the junction temperature exceeds 145°C. In
thermal shutdown the on-chip power devices are disabled,
tri-stating the LX output. Switching will resume when the
temperature drops by 10°C. During this time if the output
voltage decreases by more than 60% of its programmed
value, a soft-start will be invoked.
Current Limit
The PMOS and NMOS power devices of the buck switcher
stage are protected by current limit functions. In the case of
a short to ground on the output, the part enters frequency
foldback mode that causes the switching frequency to
divide by a factor determined by the output voltage. This
prevents the inductor current from "stair-casing".
Over-Voltage Protection
Over-voltage protection is provided on the SC194B. In the
event of an over-voltage on the output in switcher mode,
the PWM drive is disabled, tri-stating the LX output. The
part will not resume switching until the output voltage has
fallen below 2% of the regulation voltage.
Soft-Start
The soft-start mode is enabled after every shutdown cycle
to limit in-rush current. In conjunction with the frequency
foldback, this controls the maximum current during start-
up. The PMOS current limit is stepped up through seven
soft-start levels to the full value by a timer driven from
the internal oscillator. During soft-start, the switching
frequency is stepped by 1/8, 1/4, and 1/2 of the internal
oscillator frequency up to the full value, under control of
three output voltage thresholds. As soon as the output
voltage is within 2% of the regulation voltage, soft-start
mode is disabled.
Power Save Mode Operation
The PSAVE mode may be selected by tying the SYNC/PWM
pin to GND. Selecting PSAVE mode will enable the SC194B
to automatically activate/deactivate operation at light
loads maximizing efficiency across the full load range. The
SC194B automatically detects the load current at which
it should enter PSAVE mode. The SC194B is optimized to
track maximum efficiency with respect to V
IN.
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com