Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1458AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1458AEVB
Description  Dual Output Low Noise LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1458AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC1458AEVB Datasheet HTML 1Page - Semtech Corporation SC1458AEVB Datasheet HTML 2Page - Semtech Corporation SC1458AEVB Datasheet HTML 3Page - Semtech Corporation SC1458AEVB Datasheet HTML 4Page - Semtech Corporation SC1458AEVB Datasheet HTML 5Page - Semtech Corporation SC1458AEVB Datasheet HTML 6Page - Semtech Corporation SC1458AEVB Datasheet HTML 7Page - Semtech Corporation SC1458AEVB Datasheet HTML 8Page - Semtech Corporation SC1458AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC1458
5
Typical Characteristics
Load Regulation LDOA
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
Output Current (mA)
VOUTA = 2.5V, VIN = 3.6V
TA=85°C
TA=25°C
TA=-40°C
Line Regulation LDOA
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3
4.5 4.7 4.9 5.1 5.3
5.5
Input Voltage (V)
VOUTA = 2.5V, IOUTA = 1mA
TA=85°C
TA=25°C
TA=-40°C
Line Regulation LDOB
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
2.7 2.9 3.1 3.3 3.5 3.7 3.9
4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VOUTB = 2.85V, IOUTB = 1mA
Input Voltage (V)
TA=85°C
TA=25°C
TA=-40°C
Dropout Voltage LDOB
0
50
100
150
200
250
300
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
2.8
Input Voltage (V)
T=85
°C
T=25
°C
T=-40
°C
VOUTB = 2.85V, IOUTB = 200mA
Dropout Voltage LDOA
0
50
100
150
200
250
300
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
2.8
Input Voltage (V)
VOUTA = 2.5V, IOUTA = 200mA
TA=85°C
TA=25°C
TA=-40°C
Load Regulation LDOB
VOUTB = 2.85V, VIN = 3.6V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
Output Current (mA)
TA=85°C
TA=25°C
TA=-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com