Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1458AEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1458AEVB
Description  Dual Output Low Noise LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1458AEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC1458AEVB Datasheet HTML 1Page - Semtech Corporation SC1458AEVB Datasheet HTML 2Page - Semtech Corporation SC1458AEVB Datasheet HTML 3Page - Semtech Corporation SC1458AEVB Datasheet HTML 4Page - Semtech Corporation SC1458AEVB Datasheet HTML 5Page - Semtech Corporation SC1458AEVB Datasheet HTML 6Page - Semtech Corporation SC1458AEVB Datasheet HTML 7Page - Semtech Corporation SC1458AEVB Datasheet HTML 8Page - Semtech Corporation SC1458AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
POWER MANAGEMENT
1
SC1458
Dual Output Low Noise LDO
Linear Regulator
Features
Input voltage range — 2.5 to 5.5V
Output voltages — 2.8V and 1.8V (SC1458A), 2.85V
and 2.85V (SC1458B)
Maximum output current — 300mA (each LDO)
Low 200mV maximum dropout at 200mA load
Quiescent current — 100μA (both LDOs enabled)
Shutdown current — 100nA
Output noise < 50μV
RMS
(SC1458B)
PSRR > 65dB at 1kHz (SC1458B)
Space saving package — MLPD-W6, 3mm x 3mm
Over-temperature protection
Short-circuit protection
Under-voltage lockout
Reset monitor for output A (SC1458A)
Applications
PDAs and cellular phones
GPS devices
Palmtop computers and handheld instruments
TFT/LCD applications
Wireless handsets
Digital cordless phones and PCS phones
Personal communicators
Two-way pagers
Wireless LAN
Description
The SC1458 is a family of dual output, ultra-low dropout
linear voltage regulators designed for use in battery
powered wireless applications. Both versions of the
SC1458 require an input voltage level between 2.5V and
5.5V. The SC1458A supplies 2.5V on OUTA and 1.8V on
OUTB, while SC1458B supplies 2.85V on both outputs.
(For other voltage options see the SC560).
The SC1458A provides a PGOOD output to hold a processor
in reset when the voltage on OUTA is not in regulation.
The SC1458B provides superior low-noise performance by
using an external bypass capacitor to filter the bandgap
reference. Both versions have a single enable pin that
controls both LDO outputs. The startup sequence delays
the start of OUTB by 128μs after OUTA is enabled.
Each version also provides protection circuitry such as
current limiting, under-voltage lockout, and thermal
protection to prevent device failures. Stability is
maintained by using 1μF capacitors on the output pins.
The MLPD package and 0402 ceramic capacitors minimize
the required PCB area.
SC1458A
CIN
COUTA
COUTB
2.2μF
1μF
1μF
To μP
OUTA
2.5V, 300mA
OUTB
1.8V, 300mA
VIN
From μP
OUTB
VIN
OUTA
GND
PGOOD
EN
Typical Application Circuit
September 12, 2007


Similar Part No. - SC1458AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452XIMSTRT SEMTECH-SC1452XIMSTRT Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
More results

Similar Description - SC1458AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com